Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1330-O6-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1330-O6-HF
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1330-O6-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1330-O6-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1330-O6-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1330-O6-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Features
High DC current gain.
High voltage.
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
-200
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-r
o
t
c
e
ll
o
C
CEO
-200
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
-5
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
-100
mA
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
l
a
t
o
T
T
200
mW
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
Complementary to 2SC3360-HF
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-200
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-200
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -200 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
Collector-emitter saturation voltage *
VCE(sat) IC=-50 mA, IB=- 5mA
-0.21 -0.3
Base - emitter saturation voltage *
VBE(sat) IC=-50 mA, IB=- 5mA
-0.8
-1.2
Base - emitter voltage *
VBE
VCE= -10V, IC= -10mA
-0.6 -0.65 -0.7
hFE(1) VCE= -10V, IC= -10mA
90
200
450
hFE(2) VCE= -10V, IC=-50mA
50
195
Turn-on time
tr
0.16
Storage time
ts
1.3
Turn-off time
toff
0.18
Collector output capacitance
Cob
VCB= -30V, IE= 0,f=1MHz
3.6
pF
Transition frequency
fT
VCE= -10V, IE= 10mA
120
MHz
VCC=-10V,VBE(off)=2.5V
IC=-10mA,IB1=IB2=-1.0mA
DC current gain *
V
us
nA
V
* Pulse test: tp
350 us; duty cycle
0.02.
Classification of hfe(1)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02
Type
2SA1330-O5-HF 2SA1330-O6-HF 2SA1330-O7-HF
Range
90-180
135-270
200-450
Marking
O5 F
O6 F
O7 F
PNP Transistors
2SA1330-HF
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish


Similar Part No. - 2SA1330-O6-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1330-O6-HF KEXIN-2SA1330-O6-HF Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1330-O6-HF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com