Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS283K Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS283K
Description  Radiation Hardened 4-Bit Full Adder with Fast Carry
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS283K Datasheet(HTML) 5 Page - Intersil Corporation

  HCS283K Datasheet HTML 1Page - Intersil Corporation HCS283K Datasheet HTML 2Page - Intersil Corporation HCS283K Datasheet HTML 3Page - Intersil Corporation HCS283K Datasheet HTML 4Page - Intersil Corporation HCS283K Datasheet HTML 5Page - Intersil Corporation HCS283K Datasheet HTML 6Page - Intersil Corporation HCS283K Datasheet HTML 7Page - Intersil Corporation HCS283K Datasheet HTML 8Page - Intersil Corporation HCS283K Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Specifications HCS283MS
TABLE 4. POSTIRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
750
µA
Output Current (Sink)
IOL
VCC = VIH = 4.5V, VOUT = 0.4V, VIL = 0V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = VIH = 4.5V, VOUT = VCC -0.4V,
VIL = 0V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 3.15V, VIL = 1.35V,
IOL = 50
µA
+25oC
-
0.1
V
VCC = 5.5V, VIH = 3.85V, VIL = 1.65V,
IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 3.15V, VIL = 1.35V,
IOL = 50
µA
+25oC
VCC
-0.1
-V
VCC = 5.5V, VIH = 3.85V, VIL = 1.65V,
IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 3.15V, VIL = 1.35V,
(Note 2)
+25oC-
-
V
Propagation Delay
CIN to SO
TPHL
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
24
ns
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
26
ns
Propagation Delay
CIN to S1
TPHL
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
28
ns
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
30
ns
Propagation Delay
CIN to S2, CO
TPHL
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
33
ns
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
34
ns
Propagation Delay
CIN to S3
TPHL
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
40
ns
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
43
ns
Propagation Delay
An, Bn to CO
TPHL
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
55
ns
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
62
ns
Propagation Delay
An, Bn to Sn
TPHL
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
62
ns
TPLH
VCC = 4.5V, VIH = 4.5V, VIL = 0V
+25oC
2
58
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
Spec Number
518850


Similar Part No. - HCS283K

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HCS2-110-F HIROSE-HCS2-110-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
HCS2-111-F HIROSE-HCS2-111-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
HCS2-120-F HIROSE-HCS2-120-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
HCS2-121-F HIROSE-HCS2-121-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
HCS2-130-F HIROSE-HCS2-130-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
More results

Similar Description - HCS283K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS283MS INTERSIL-HCTS283MS Datasheet
296Kb / 9P
   Radiation Hardened 4 Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC583 PHILIPS-74HC583 Datasheet
70Kb / 13P
   4-bit full adder with fast carry
1998 Mar 31
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com