Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD10677 Datasheet(PDF) 1 Page - Analog Devices

Part # AD10677
Description  16-Bit, 65 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10677 Datasheet(HTML) 1 Page - Analog Devices

  AD10677_15 Datasheet HTML 1Page - Analog Devices AD10677_15 Datasheet HTML 2Page - Analog Devices AD10677_15 Datasheet HTML 3Page - Analog Devices AD10677_15 Datasheet HTML 4Page - Analog Devices AD10677_15 Datasheet HTML 5Page - Analog Devices AD10677_15 Datasheet HTML 6Page - Analog Devices AD10677_15 Datasheet HTML 7Page - Analog Devices AD10677_15 Datasheet HTML 8Page - Analog Devices AD10677_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
16-Bit, 65 MSPS A/D Converter
AD10677
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
65 MSPS sample rate
80 dBFS signal-to-noise ratio
Transformer-coupled analog input
Single PECL clock source
Digital outputs
True binary format
3.3 V and 5 V CMOS-compatible
APPLICATIONS
Low signature radar
Medical imaging
Communications instrumentation
Instrumentation
Antenna array processing
GENERAL DESCRIPTION
The AD10677 is a 16-bit, high performance, analog-to-digital
converter (ADC) for applications that demand increased SNR
levels. Exceptional noise performance and a typical signal-to-
noise ratio of 80 dBFS are obtained by digitally postprocessing
the outputs of four ADCs. A single analog input and PECL
sampling clock and 3.3 V and 5 V power supplies are required.
The AD10677 is assembled using a 0.062-inch laminate board
with three sets of connector interface pads to accommodate
analog and digital isolation. Analog Devices recommends
using the FSI-110-03-G-D-AD-K-TR connector from Samtec.
The overall card fits a 2.2 inch × 2.8 inch PCB specified from
0°C to 70°C.
FUNCTIONAL BLOCK DIAGRAM
AD10677
ANALOG
POWER
CLOCK
DISTRIBUTION CIRCUIT
DIGITAL POWER
ENCODE ENCODE
AGND
ADC
ADC
ADC
ADC
AGND
DGND
DGND
+3.3VE
+3.3V
+5VA
AIN
AIN
DOUT0
DOUT15
14
14
14
14
DIGITAL
POST-
PROCES-
SING
OUTPUT
DATA
BITS
Figure 1.
PRODUCT HIGHLIGHTS
1.
Guaranteed sample rate of 65 MSPS.
2.
Input signal conditioning with optimized noise
performance.
3.
Fully tested and guaranteed performance.


Similar Part No. - AD10677_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10677/PCB AD-AD10677/PCB Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD10677BWS AD-AD10677BWS Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD10677PCB AD-AD10677PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD10677_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com