Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9480 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 5 Page - Analog Devices

  AD9480_15 Datasheet HTML 1Page - Analog Devices AD9480_15 Datasheet HTML 2Page - Analog Devices AD9480_15 Datasheet HTML 3Page - Analog Devices AD9480_15 Datasheet HTML 4Page - Analog Devices AD9480_15 Datasheet HTML 5Page - Analog Devices AD9480_15 Datasheet HTML 6Page - Analog Devices AD9480_15 Datasheet HTML 7Page - Analog Devices AD9480_15 Datasheet HTML 8Page - Analog Devices AD9480_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD9480
Rev. A | Page 5 of 28
AC SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = –40°C, TMAX = +85°C, AIN = –1 dBFS, full scale = 1.0 V, internal reference, differential analog and
clock inputs, unless otherwise noted.
Table 3.
AD9480-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 19.7 MHz
25°C
V
47
dB
fIN = 70.1 MHz
25°C
I
45
47
dB
fIN = 170 MHz
25°C
I
45
46
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 19.7 MHz
25°C
V
46.5
dB
fIN = 70.1 MHz
25°C
I
44.8
46.5
dB
fIN = 170 MHz
25°C
I
44.8
46.5
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 19.7 MHz
25°C
V
7.6
Bits
fIN = 70.1 MHz
25°C
I
7.3
7.6
Bits
fIN = 170 MHz
25°C
I
7.3
7.6
Bits
WORST SECOND OR THIRD HARMONIC DISTORTION
fIN = 19.7 MHz
25°C
V
−65
dBc
fIN = 70.1 MHz
25°C
I
−65
−60
dBc
fIN = 170 MHz
25°C
I
−65
−60
dBc
WORST OTHER
fIN = 19.7 MHz
25°C
V
−70
dBc
fIN = 70.1 MHz
25°C
I
−70
−63
dBc
fIN = 170 MHz
25°C
I
−70
−63
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)1
fIN = 19.7 MHz
25°C
V
−65
dBc
fIN = 70.1 MHz
25°C
I
−65
−60
dBc
fIN = 170 MHz
25°C
I
−65
−60
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fIN1 = 69.3 MHz, fIN2 = 70.3 MHz
25°C
V
−68
dBc
1 Nyquist bin energy ignored.


Similar Part No. - AD9480_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
More results

Similar Description - AD9480_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480 AD-AD9480 Datasheet
1Mb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com