Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPE6192AG-M Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6192AG-M
Description  10 Base-T Interface Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6192AG-M Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6192AG-M_15 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPE6192AG-M_15 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
Insertion
Loss
(dB Max.)
Common Mode
Rejection
(dB Min.)
Crosstalk
(dB Min.)
Return
Loss
(dB Min.)
-1
-15
1-10
MHz
@ 50
MHz
-30
-7
-18
@ 100
MHz
-35
@ 200
MHz
-45
-35
-35
@ 1-10
MHz
5-10
MHz
@ 20
MHz
@ 25
MHz
@ 30
MHz
@ 40
MHz
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
-30
-20
-1
-15
-18
-5
-11
-26
-45
-30
-20
Electrical Parameters @ 25
° C
10 Base-T Interface Module
CSE6192AG-Ma Rev. -
7/29/98
• Operating Temperature Range: -40
°C to +85°C •
• General purpose 10 Base-T Filter Module •
• Robust construction withstands current reflow profile •
• Complies with or exceeds IEEE 802.3, 10 Base-T Requirements •
Schematic
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
.910
.370
.215
.700
.010
.100
.490
.016
.008
.110
0
°
.025
.930
.390
.235
Typ.
.015
Typ.
.510
.022
.012
Typ.
8
°
.045
.040
.100
.090
.540
23.11
9.40
5.46
17.78
.254
2.54
12.47
.406
.203
2.79
0
°
.635
23.62
9.91
5.97
Typ.
.381
Typ.
12.95
.559
.305
Typ.
8
°
1.14
1.016
2.54
2.29
13.72
Dimensions
Dim.
Min.
Max.
Nom.
(Inches)
(Millimeters)
Min.
Max.
Nom.
Package
EPE6192AG-M
Cut-off
Frequency
(MHz)
17
E L E C T R O N I C S I N C .
17
Xmit
Rcv
Attenuation
(dB Min.)
Xmit
Rcv
± 1.0
MHz
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
G
L
K
P
Pad
Layout
Q
M
A
B
Pin 1
I.D.
HF
E
C
D
J
I
N
PCA
EPE6192AG-M
Date Code
Product performance is limited to specific parameters. Data subject to change without prior notice.
Receive Channel
16
14
9
11
12
Chip Side
UTP Side
LPF
1:1
100
10
Transmit Channel
1
3
8
6
5
Chip Side
UTP Side
LPF
1:1
100
7


Similar Part No. - EPE6192AG-M_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPE6192AG-M ETC1-EPE6192AG-M Datasheet
27Kb / 2P
   10 Base-T Interface Module
logo
PCA ELECTRONICS INC.
EPE6192AG-M PCA-EPE6192AG-M Datasheet
30Kb / 2P
   10 Base-T Interface Module
More results

Similar Description - EPE6192AG-M_15

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS102S BOTHHAND-FS102S Datasheet
291Kb / 1P
   10 BASE-T INTERFACE MODULE
logo
PCA ELECTRONICS INC.
EPA2352 PCA-EPA2352 Datasheet
35Kb / 1P
   10 Base-T Interface Module
EPE6192GE PCA-EPE6192GE Datasheet
45Kb / 1P
   10 Base-T Interface Module
logo
Bothhand USA, LP.
FB2026LF BOTHHAND-FB2026LF Datasheet
68Kb / 1P
   10 BASE-T INTERFACE MODULE
logo
PCA ELECTRONICS INC.
EPE6272 PCA-EPE6272 Datasheet
165Kb / 1P
   10 Base-T Interface Module
EPE6089 PCA-EPE6089 Datasheet
21Kb / 1P
   10 Base-T Interface Module
EPE6192-M PCA-EPE6192-M Datasheet
27Kb / 1P
   10 Base-T Interface Module
EPA2013DG PCA-EPA2013DG Datasheet
50Kb / 2P
   10 Base-T Interface Module
EPE6070 PCA-EPE6070 Datasheet
35Kb / 1P
   10 Base-T Interface Module
EPE6248 PCA-EPE6248 Datasheet
28Kb / 2P
   10 Base-T Interface Module
EPA1990AG PCA-EPA1990AG Datasheet
53Kb / 2P
   10 Base-T Interface Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com