Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9433 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 3 Page - Analog Devices

  AD9433_15 Datasheet HTML 1Page - Analog Devices AD9433_15 Datasheet HTML 2Page - Analog Devices AD9433_15 Datasheet HTML 3Page - Analog Devices AD9433_15 Datasheet HTML 4Page - Analog Devices AD9433_15 Datasheet HTML 5Page - Analog Devices AD9433_15 Datasheet HTML 6Page - Analog Devices AD9433_15 Datasheet HTML 7Page - Analog Devices AD9433_15 Datasheet HTML 8Page - Analog Devices AD9433_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD9433
Rev. A | Page 3 of 20
SPECIFICATIONS
DC SPECIFICATIONS
VDD = 3.3 V, VCC = 5 V; internal reference; differential encode input, unless otherwise noted.
Table 1.
Test
105 MSPS
125 MSPS
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Offset Error
Full
VI
−5
0
+5
−5
0
+5
mV
Gain Error1
25°C
I
−7
±1
+3
−7
±1
+3
% FS
Differential Nonlinearity (DNL)2
25°C
I
−0.75
±0.25
+0.75
−0.75
±0.3
+0.75
LSB
Full
VI
−1
+1
−1
+1
LSB
Integral Nonlinearity (INL)2
25°C
I
−1.0
±0.5
+1.0
−1.0
±0.5
+1.0
LSB
Full
VI
−1.3
+1.3
−1.3
+1.3
LSB
THERMAL DRIFT
Offset Error
Full
V
−50
−50
ppm/°C
Gain Error1
Full
V
−125
−125
ppm/°C
Reference
Full
V
±80
±80
ppm/°C
REFERENCE
Internal Reference Voltage
(VREFOUT)
Full
I
2.4
2.5
2.6
2.4
2.5
2.6
V
Output Current (VREFOUT)
Full
V
100
100
μA
Input Current (VREFIN)
Full
IV
50
50
μA
ANALOG INPUTS (AIN, AIN)
Input Voltage Range
Full
V
2.0
2.0
V p-p
Common-Mode Voltage
Full
V
4.0
4.0
V
Input Resistance
Full
VI
2
3
4
2
3
4
Input Capacitance
Full
V
4
4
pF
Analog Bandwidth, Full Power
Full
V
750
750
MHz
POWER SUPPLY
VCC
Full
IV
4.75
5.0
5.25
4.75
5.0
5.25
V
VDD
Full
IV
2.7
3.3
2.7
3.3
V
Power Dissipation3
Full
VI
1275
1425
1350
1500
mW
IVCC3
Full
VI
255
285
270
300
mA
IVDD3
Full
VI
12.5
14
16
18
mA
Power Supply Rejection Ratio
(PSRR)
25°C
I
±3
±3
mV/V
ENCODE INPUTS
Internal Common-Mode Bias
Full
V
3.75
3.75
V
Differential Input
(ENCODE, ENCODE)
Full
V
500
500
mV
Input Voltage Range
Full
IV
−0.5
VCC + 0.05
−0.5
VCC + 0.05
V
Input Common-Mode Range
Full
IV
2.0
4.25
2.0
4.25
V
Input Resistance
Full
VI
6
6
Input Capacitance
25°C
V
3
3
pF
DIGITAL INPUTS
Input High Voltage
Full
I
2.0
2.0
V
Input Low Voltage
Full
I
0.8
0.8
V
Input High Current (VIN = 5 V)
Full
V
50
50
μA
Input Low Current (VIN = 0 V)
Full
V
50
50
μA


Similar Part No. - AD9433_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433_17 Datasheet
433Kb / 21P
   IF Sampling ADC
More results

Similar Description - AD9433_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445 Datasheet
965Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD10200 AD-AD10200_15 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling
REV. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com