Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS166DMSR Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS166DMSR
Description  Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS166DMSR Datasheet(HTML) 5 Page - Intersil Corporation

  HCS166DMSR Datasheet HTML 1Page - Intersil Corporation HCS166DMSR Datasheet HTML 2Page - Intersil Corporation HCS166DMSR Datasheet HTML 3Page - Intersil Corporation HCS166DMSR Datasheet HTML 4Page - Intersil Corporation HCS166DMSR Datasheet HTML 5Page - Intersil Corporation HCS166DMSR Datasheet HTML 6Page - Intersil Corporation HCS166DMSR Datasheet HTML 7Page - Intersil Corporation HCS166DMSR Datasheet HTML 8Page - Intersil Corporation HCS166DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
254
Specifications HCS166MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), (Note 3)
+25oC
---
CP or CE to Q7
TPHL
VCC = 4.5V
+25oC
2
37
ns
TPLH
VCC = 4.5V
+25oC
2
37
ns
MR to Q7
TPHL
VCC = 4.5V
+25oC
2
36
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
3. For functional tests, VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
µA
IOL/IOH
5
-15% of 0 Hour
Spec Number
518758


Similar Part No. - HCS166DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS166DMSR RENESAS-HCS166DMSR Datasheet
447Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
More results

Similar Description - HCS166DMSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Intersil Corporation
HCS195MS INTERSIL-HCS195MS Datasheet
229Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
logo
Renesas Technology Corp
HCS165MS RENESAS-HCS165MS Datasheet
410Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Intersil Corporation
HCS165MS INTERSIL-HCS165MS Datasheet
225Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Renesas Technology Corp
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com