Electronic Components Datasheet Search |
|
AD9280 Datasheet(PDF) 8 Page - Analog Devices |
|
AD9280 Datasheet(HTML) 8 Page - Analog Devices |
8 / 24 page AD9280 –8– Table I. Mode Selection Input Input MODE REFSENSE Modes Connect Span Pin Pin REF REFTS REFBS Figure TOP/BOTTOM AIN 1 V AVDD Short REFSENSE, REFTS and VREF Together AGND 18 AIN 2 V AVDD AGND Short REFTS and VREF Together AGND 19 CENTER SPAN AIN 1 V AVDD/2 Short VREF and REFSENSE Together AVDD/2 AVDD/2 20 AIN 2 V AVDD/2 AGND No Connect AVDD/2 AVDD/2 Differential AIN Is Input 1 1 V AVDD/2 Short VREF and REFSENSE Together AVDD/2 AVDD/2 29 REFTS and REFBS Are Shorted Together for Input 2 2 V AVDD/2 AGND No Connect AVDD/2 AVDD/2 External Ref AIN 2 V max AVDD AVDD No Connect Span = REFTS 21, 22 – REFBS (2 V max) AGND Short to Short to 23 VREFTF VREFBF AD876-8 AIN 2 V Float or AVDD No Connect Short to Short to 30 AVSS VREFTF VREFBF 0 –9 1.0E+6 1.0E+9 1.0E+7 1.0E+8 –3 –6 FREQUENCY – Hz –12 –15 –18 –21 –24 Figure 13. Full Power Bandwidth 50 40 –50 0 3.0 1.0 2.0 30 20 –10 –20 –30 INPUT VOLTAGE – V 10 0 –40 2.5 0.5 1.5 REFBS = 0.5V REFTS = 2.5V CLOCK = 32MHz Figure 14. Input Bias Current vs. Input Voltage APPLYING THE AD9280 THEORY OF OPERATION The AD9280 implements a pipelined multistage architecture to achieve high sample rate with low power. The AD9280 distrib- utes the conversion over several smaller A/D subblocks, refining the conversion with progressively higher accuracy as it passes the results from stage to stage. As a consequence of the distrib- uted conversion, the AD9280 requires a small fraction of the 256 comparators used in a traditional flash type A/D. A sample- and-hold function within each of the stages permits the first stage to operate on a new input sample while the second, third and fourth stages operate on the three preceding samples. OPERATIONAL MODES The AD9280 is designed to allow optimal performance in a wide variety of imaging, communications and instrumentation applications, including pin compatibility with the AD876-8 A/D. To realize this flexibility, internal switches on the AD9280 are used to reconfigure the circuit into different modes. These modes are selected by appropriate pin strapping. There are three parts of the circuit affected by this modality: the voltage reference, the reference buffer, and the analog input. The nature of the appli- cation will determine which mode is appropriate: the descrip- tions in the following sections, as well as Table I should assist in selecting the desired mode. REV. E |
Similar Part No. - AD9280_15 |
|
Similar Description - AD9280_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |