Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9254 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9254
Description  14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9254 Datasheet(HTML) 3 Page - Analog Devices

  AD9254_15 Datasheet HTML 1Page - Analog Devices AD9254_15 Datasheet HTML 2Page - Analog Devices AD9254_15 Datasheet HTML 3Page - Analog Devices AD9254_15 Datasheet HTML 4Page - Analog Devices AD9254_15 Datasheet HTML 5Page - Analog Devices AD9254_15 Datasheet HTML 6Page - Analog Devices AD9254_15 Datasheet HTML 7Page - Analog Devices AD9254_15 Datasheet HTML 8Page - Analog Devices AD9254_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9254
Rev. 0 | Page 3 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, DCS enabled,
unless otherwise noted.
Table 1.
AD9254BCPZ-150
Parameter
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±0.3
±0.8
% FSR
Gain Error
Full
±0.6
±4.5
% FSR
Differential Nonlinearity (DNL)1
25°C
±0.4
LSB
Full
±1.0
LSB
Integral Nonlinearity (INL)1
25°C
±1.5
LSB
Full
±5.0
LSB
TEMPERATURE DRIFT
Offset Error
Full
±15
ppm/°C
Gain Error
Full
±95
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
±5
±35
mV
Load Regulation @ 1.0 mA
Full
7
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
1.3
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
V p-p
Input Capacitance2
Full
8
pF
REFERENCE INPUT RESISTANCE
Full
6
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
2.5
3.6
V
Supply Current
IAVDD1
Full
240
260
mA
IDRVDD1(DRVDD = 1.8 V)
Full
11
mA
IDRVDD1 (DRVDD = 3.3 V)
Full
23
mA
POWER CONSUMPTION
DC Input
Full
430
470
mW
Sine Wave Input1 (DRVDD = 1.8 V)
Full
450
mW
Sine Wave Input1 (DRVDD = 3.3 V)
Full
506
mW
Standby Power3
Full
40
mW
Power-Down Power
Full
1.8
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 4 for the equivalent analog input structure.
3 Standby power is measured with a dc input, the CLK pin inactive (set to AVDD or AGND).


Similar Part No. - AD9254_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9254-150EBZ AD-AD9254-150EBZ Datasheet
1Mb / 41P
   Analog-to-Digital Converter
More results

Similar Description - AD9254_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640ABCPZ-105 AD-AD9640ABCPZ-105 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640 Datasheet
931Kb / 41P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrD
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com