Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC1195G-3 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC1195G-3
Description  500 mW DC/DC Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC1195G-3 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC1195G-3 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
500 mW DC/DC Converter
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Unregulated DC/DC Converter
• Input/Output Isolation : 1000 Vrms
• Very High Efficiency : 80%-85% Typ.
• Operating Temperature : 0°C to +70°C
• UL1446 Class B Insulating System
• UL94V-0 Recognized Materials
• With On/Off Remote
EPC1195G-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Specifications
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC1195G-X
Rev. 2
6/1/05 FT
Notes :
1. Voltage Accuracy : -3% Typ. @ Maximum Load
2. Input Filter : Capacitor
3. Line Voltage Regulation : 1%/% (Output Voltage Change Percentage/Input Voltage Change Percentage)
4. Load Voltage Regulation (10% to 100% Full Load) : +15% Max., -5% Max. for 5.0 V, 6.5 V,
+12% Max., -5% Max. for 9.0 V, 12 V, 15 V, 24 V Out
5. Short Circuit Duration : 1 Second
6. Output Ripple Filtering : Simple 33 KHz L/C Filter can be added to reduce Output Ripple & Noise to 2 mV p-p
7. Minimum Load Requirement : 10%
8. Absolute Maximum Rating : V In = 7.0 Volt Max.
9. Input Current @ 0% Load : 2.5 mA Typ.
10. Load Voltage Regulation @ 0% Load : +25% Max. for 5.0 V, 6.5 V, 9.0 V, 12 V Out
+ 20% Max. for 15 V, 24 V Out
11. For Normal Operations : Short Pins 2 & 4, Connect Pins 1& 4 for shutdown
V In
Volts
(± 10%)
5.0
5.0
5.0
5.0
5.0
5.0
5.0
6.5
9.0
12.0
15.0
24.0
V Out
Volts
100
77
56
42
34
21
I Out
(mA Max.)
80
83
85
85
84
82
Efficiency
(% Typ.)
@ Full Load
1000
1000
1000
1000
1000
1000
Input/Output
Isolation
(Vrms)
PCA
Part Numbers
EPC1195G-1
EPC1195G-2
EPC1195G-3
EPC1195G-4
EPC1195G-5
EPC1195G-6
.200
(5.08)
Package
.019
(.480)
.187
(4.75)
.010/.015
(.254/.381)
.405
10.29)
0°-8°
.035
(.889)
.010
(.254)
PCA
EPC1195G-X
D.C.
.295
(7.49)
.100
(2.54)
Solder Pad
Layout
.435
(11.05)
.300
(7.62)
.030
(.762)
.075
(1.91)
.490
(12.45)
Pin 1
I.D.
Pin Connections
N/C
+V Out
On/Off
Remote
+V In
-V In
DC/DC
12
4
5
8
-V Out
6
Ripple & Noise
(mV p-p)
Input Ripple
Current (mA p-p)
18.0
16.5
16.0
15.5
12.0
12.0
Typ.
Max.
25.0
25.0
25.0
25.0
25.0
25.0
8.5
8.5
8.0
8.0
9.5
11.0
Typ.
Max.
15.0
15.0
15.0
15.0
15.0
20.0


Similar Part No. - EPC1195G-3

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1195G-3 PCA-EPC1195G-3 Datasheet
34Kb / 1P
   500 mW DC/DC Converter
More results

Similar Description - EPC1195G-3

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1198-X PCA-EPC1198-X_15 Datasheet
36Kb / 1P
   500 mW DC/DC Converter
EPC1195G-X PCA-EPC1195G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
EPC1197-X PCA-EPC1197-X Datasheet
32Kb / 1P
   500 mW DC/DC Converter
EPC1198-X PCA-EPC1198-X Datasheet
33Kb / 1P
   500 mW DC/DC Converter
EPC1194G-X PCA-EPC1194G-X_15 Datasheet
37Kb / 1P
   500 mW DC/DC Converter
EPC1193G-X PCA-EPC1193G-X_15 Datasheet
38Kb / 1P
   500 mW DC/DC Converter
EPC1197-X PCA-EPC1197-X_15 Datasheet
36Kb / 1P
   500 mW DC/DC Converter
EPC1194G-X PCA-EPC1194G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
EPC1196G-X PCA-EPC1196G-X Datasheet
34Kb / 1P
   500 mW DC/DC Converter
EPC1197G-1 PCA-EPC1197G-1 Datasheet
36Kb / 1P
   500 mW DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com