Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD1304-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTD1304-3
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTD1304-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTD1304-3_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTD1304-3_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
Features
High Emitter-Base Voltage :VEBO = 12V(Min)
High Reverse hFE
Low on Resistance
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
25
Collector - Emitter Voltage
VCEO
20
Emitter - Base Voltage
VEBO
12
Collector Current - Continuous
IC
300
Base Current
IB
30
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
mA
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
25
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
20
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
12
Collector-base cut-off current
ICBO
VCB=25 V , IE= 0
100
Emitter cut-off current
IEBO
VEB= 12V , IC=0
100
Collector-emitter saturation voltage
VCE(sat) IC=100 mA, IB=10mA
0.25
Base - emitter saturation voltage
VBE(sat) IC=100 mA, IB=10mA
1
hFE(1)
VCE= 2V, IC= 4mA (FOR)
200
800
hFE(2)
VCE= 2V, IC= 4mA (REV)
20
On resistance
Ron
IB=1mA,Vin=0.3V,f=1KHz
0.6
Ω
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
10
pF
Transition frequency
fT
VCE= 10V, IC= 1mA
60
MHz
DC current gain
V
V
nA
Marking
Marking
J3Y
NPN Transistors
KTD1304 (KTD1304S)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Similar Part No. - KTD1304-3_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1304 KEC-KTD1304 Datasheet
208Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
logo
Galaxy Semi-Conductor H...
KTD1304 BILIN-KTD1304 Datasheet
175Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTD1304 WEITRON-KTD1304 Datasheet
398Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
KTD1304 SECOS-KTD1304 Datasheet
250Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
KTD1304 HTSEMI-KTD1304 Datasheet
913Kb / 2P
   TRANSISTOR (NPN)
More results

Similar Description - KTD1304-3_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com