Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KST9015-L Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KST9015-L
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KST9015-L Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KST9015-L Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KST9015-L Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
SMD Type
Transistors
www.kesenes.com
1
PNP Transistors
KST9015
www.kexin.com.cn
Features
Complementary to KST9014
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
B
-r
o
t
c
e
ll
o
C
CBO
-50
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
-r
o
t
c
e
ll
o
C
CEO
-45
V
V
e
g
a
tl
o
V
e
s
a
B
-r
e
tt
i
m
E
EBO
-5
V
I
s
u
o
u
n
it
n
o
C
-
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
C
-0.1
A
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C
0.2
W
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 to 150
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base breakdown voltage
VCBO
Ic=-100uA, IE
V
0
5
-
0
=
Collector-emitter breakdown voltage
VCEO
Ic=-1mA, IB
V
5
4
-
0
=
Emitter-base Breakdown voltage
VEBO
IE=-100 uA, I C
V
5
-
0
=
I
t
n
e
rr
u
c
ff
o
t
u
c
r
o
t
c
e
ll
o
C
CBO
VCB=-50V, IE
1
.
0
-
0
=
A
I
t
n
e
rr
u
c
ff
o
t
u
c
r
e
tt
i
m
E
EBO
VEB=-5V, IC
1
.
0
-
0
=
A
h
n
i
a
g
t
n
e
rr
u
c
C
D
FE
VCE=-5V, IC
0
0
0
1
0
0
2
A
m
1
-
=
Collector-emitter saturation voltage
VCE(sat) IC=-100mA, IB
V
3
.
0
-
A
m
0
1
-
=
Base-emitter saturation voltage
VBE(sat) IC=-100mA, IB
V
1
-
A
m
0
1
-
=
f
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
VCE=-5V, IC=-10mA,f=30MHZ
150
MHz
hFE Classification
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02
Type
KST9015-L
KST9015-H
Range
200-450
450-1000
Marking
M6


Similar Part No. - KST9015-L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9015-L KEXIN-KST9015-L Datasheet
999Kb / 2P
   PNP Transistors
More results

Similar Description - KST9015-L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com