Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KST9013 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KST9013
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KST9013 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KST9013_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KST9013_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
SMD Type
IC
Transistors
SMD Type
Typical Characteristics
KST9013
1
10
100
10
100
1000
1
10
100
10
100
0.1
1
10
1
100
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1
10
100
0.0
0.4
0.8
1.2
0
4
8
12
16
20
0
20
40
60
80
100
f
T
—— I
C
h
FE
——
COMMON EMITTER
V
CE=1V
3
30
500
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
30
300
30
3
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
T
a=100
I
C
V
CEsat
——
500
500
100
30
10
3
3
0.3
20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
T
a=25
V
CB/ VEB
C
ob/ Cib
——
300
10
30
V
CE=6V
T
a=25
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
P
C ——
T
a
V
BE
I
C
——
30
3
0.3
T
a=25
T
a=100
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE (V)
30
3
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
500
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
COMMON
EMITTER
T
a=25


Similar Part No. - KST9013_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013-3 KEXIN-KST9013-3_15 Datasheet
1Mb / 2P
   NPN Transistors
KST9013-H KEXIN-KST9013-H Datasheet
1Mb / 2P
   NPN Transistors
KST9013-J KEXIN-KST9013-J Datasheet
1Mb / 2P
   NPN Transistors
KST9013-L KEXIN-KST9013-L Datasheet
1Mb / 2P
   NPN Transistors
More results

Similar Description - KST9013_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com