Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8050-D Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # H8050-D
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

H8050-D Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  H8050-D Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd H8050-D Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
n
i
a
G
t
n
e
r
r
u
c
C
D
.
2
e
r
u
g
i
F
c
it
s
ir
e
t
c
a
r
a
h
C
c
it
a
t
S
.
1
e
r
u
g
i
F
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
0.4
0.8
1.2
1.6
2.0
0.1
0.2
0.3
0.4
0.5
IB = 3.0mA
IB = 2.5mA
IB = 2.0mA
IB = 1.5mA
IB = 1.0mA
IB = 0.5mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
100
1000
1
10
100
1000
VCE = 1V
IC[mA], COLLECTOR CURRENT
0.1
1
10
100
1000
10
100
1000
10000
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE = 1V
VBE[V], BASE-EMITTER VOLTAGE
0
0
1
0
1
1
1
10
100
1000
IE = 0
f = 1MHz
VCB [V], COLLECTOR-BASE VOLTAGE
0
0
4
0
0
1
0
1
1
1
10
100
1000
VCE = 10V
IC[mA], COLLECTOR CURRENT
Typical Characteristics
H8050


Similar Part No. - H8050-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8050 ETC-H8050 Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
H8050 KEXIN-H8050 Datasheet
117Kb / 2P
   NPN General Purpose Transistors
logo
SHANTOU HUASHAN ELECTRO...
H8050 HUASHAN-H8050 Datasheet
143Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
AiT Semiconductor Inc.
H8050P AITSEMI-H8050P Datasheet
464Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
REV1.0
H8050P AITSEMI-H8050P Datasheet
464Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
REV1.0
More results

Similar Description - H8050-D

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com