Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9215 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9215
Description  10-Bit, 65/80/105 MSPS, 3 V A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9215_15 Datasheet HTML 3Page - Analog Devices AD9215_15 Datasheet HTML 4Page - Analog Devices AD9215_15 Datasheet HTML 5Page - Analog Devices AD9215_15 Datasheet HTML 6Page - Analog Devices AD9215_15 Datasheet HTML 7Page - Analog Devices AD9215_15 Datasheet HTML 8Page - Analog Devices AD9215_15 Datasheet HTML 9Page - Analog Devices AD9215_15 Datasheet HTML 10Page - Analog Devices AD9215_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD9215
Rev. B | Page 7 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OR
MODE
SENSE
VREF
REFB
REFT
AVDD
AGND
VIN+
VIN–
AGND
AVDD
CLK
PDWN
D9 (MSB)
D8
D7
D6
DRVDD
DRGND
D5
D4
D3
D2
D1
D0 (LSB)
DNC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD9215
TOP VIEW
(Not to Scale)
DNC = DO NOT CONNECT
DNC
Figure 3. TSSOP (RU-28)
19
17
20
21
18
22
23
24
D8
D6
D9 (MSB)
OR
D7
MODE
SENSE
VREF
1
2
3
4
5
6
7
8
DNC
CLK
DNC
PDWN
DNC
DNC
DNC
DNC
AD9215
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD BE SOLDERED
TO THE GROUND PLANE FOR THE LFCSP PACKAGE. THERE IS
AN INCREASED RELIABILITY OF THE SOLDER JOINTS, AND
THE MAXIMUM THERMAL CAPABILITY OF THE PACKAGE IS
ACHIEVED WITH THE EXPOSED PAD SOLDERED TO THE
CUSTOMER BOARD.
Figure 4. LFCSP (CP-32-7)
Table 6. Pin Function Descriptions
TSSOP Pin No.
LFCSP Pin No.
Mnemonic
Description
1
21
OR
Out-of-Range Indicator.
2
22
MODE
Data Format and Clock Duty Cycle Stabilizer (DCS) Mode Selection.
3
23
SENSE
Reference Mode Selection.
4
24
VREF
Voltage Reference Input/Output.
5
25
REFB
Differential Reference (Negative).
6
26
REFT
Differential Reference (Positive).
7, 12
27, 32
AVDD
Analog Power Supply.
8, 11
28, 31
AGND
Analog Ground.
9
29
VIN+
Analog Input Pin (+).
10
30
VIN−
Analog Input Pin (−).
13
2
CLK
Clock Input Pin.
14
4
PDWN
Power-Down Function Selection (Active High).
15 to 16
1, 3, 5 to 8
DNC
Do not connect, recommend floating this pin.
17 to 22,
25 to 28
9 to 14,
17 to 20
D0 (LSB) to
D9 (MSB)
Data Output Bits.
23
15
DRGND
Digital Output Ground.
24
16
DRVDD
Digital Output Driver Supply. Must be decoupled to DRGND with a
minimum 0.1 μF capacitor. Recommended decoupling is 0.1 μF in parallel with 10 μF.
N/A
33
EP
Exposed Pad. It is recommended that the exposed pad be soldered to the ground plane
for the LFCSP package. There is an increased reliability of the solder joints, and the
maximum thermal capability of the package is achieved with the exposed pad soldered
to the customer board.


Similar Part No. - AD9215_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
More results

Similar Description - AD9215_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com