Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9042 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9042
Description  12-Bit, 41 MSPS Monolithic ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9042_15 Datasheet HTML 3Page - Analog Devices AD9042_15 Datasheet HTML 4Page - Analog Devices AD9042_15 Datasheet HTML 5Page - Analog Devices AD9042_15 Datasheet HTML 6Page - Analog Devices AD9042_15 Datasheet HTML 7Page - Analog Devices AD9042_15 Datasheet HTML 8Page - Analog Devices AD9042_15 Datasheet HTML 9Page - Analog Devices AD9042_15 Datasheet HTML 10Page - Analog Devices AD9042_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9042
Rev. B | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
44 43 42
41 40 39 38 37 36 35 34
32
31
30
27
28
29
33
26
25
24
23
2
3
4
7
6
5
1
8
9
10
11
NC = NO CONNECT
12 13 14
15 16 17 18 19
20 21 22
PIN 1
AD9042
TOP VIEW
(Not to Scale)
DVCC
DVCC
ENCODE
ENCODE
GND
GND
AIN
VOFFSET
VREF
C1
AVCC
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
GND
NC
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2
DVCC
5 V Power Supply (Digital). Powers output stage only.
3
ENCODE
Encode Input. Data conversion initiated on rising edge.
4
ENCODE
Complement of ENCODE. Drive differentially with ENCODE or bypass to ground for single-ended clock mode.
5, 6
GND
Ground.
7
AIN
Analog Input.
8
VOFFSET
Voltage Offset Input. Sets mid point of analog input range. Normally tied to VREF through a 50 Ω resistor.
9
VREF
Internal Voltage Reference. Nominally 2.4 V; normally tied to VOFFSET through a 50 Ω resistor. Bypass to ground
and with 0.1 μF + 0.01 μF microwave chip capacitor.
10
C1
Internal Bias Point. Bypass to ground with a 0.01 μF capacitor.
11, 12
AVCC
5 V Power Supply (Analog).
13, 14
GND
Ground.
15, 16
AVCC
5 V Power Supply (Analog).
17, 18
GND
Ground.
19, 20
AVCC
5 V Power Supply (Analog).
21, 22
GND
Ground.
23
NC
No Connect
24
GND
Ground.
25
D0 (LSB)
Digital Output Bit (Least Significant Bit).
26 to 33
D1 to D8
Digital Output Bits.
34, 35
GND
Ground.
36, 37
DVCC
5 V Power Supply (Digital). Powers output stage only.
38, 39
GND
Ground.
40, 41
DVCC
5 V Power Supply (Digital). Powers output stage only.
42, 43
D9 to D10
Digital Output Bits.
44
D11 (MSB)
Digital Output Bit (Most Significant Bit). Output coded as twos complement.


Similar Part No. - AD9042_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042AD AD-AD9042AD Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042AST AD-AD9042AST Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042CHIPS AD-AD9042CHIPS Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D AD-AD9042D Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD9042D/PCB AD-AD9042D/PCB Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
More results

Similar Description - AD9042_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com