Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRS8030T1R0NJGJV Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRS8030T1R0NJGJV
Description  SMD Power Inductors for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRS8030T1R0NJGJV Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  NRS8030T1R0NJGJV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NRS8030T1R0NJGJV Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
8.0 + / - 0.2
( 0.315 + / - 0.008 )
Width :
8.0 + / - 0.2
( 0.315 + / - 0.008 )
Height :
3.0
max.
( 0.118
max. )
Inductance :
1.0
uH
( test freq at 0.1MHz )
DC Resistance : 0.009
/
0.0117
ohm ( typ / max )
Saturation Current :
7,800 mA ( max )
Temp. rise Current :
6,200 mA ( max )
Saturation current typical : 30% reduction from initial L value.
AEC-Q200 qualified
Temp rise Current typical : Temperature will rise by 40 deg C
2014/11/5
SMD Power Inductors for Industrial / Automotive Comfort and Safety Applications
(NR series S type)(AEC-Q200 qualified)
unit : mm
unit : inch
NRS8030T1R0NJGJV
0
0.5
1
1.5
2
0
4000
8000
12000
16000
20000
DC Bias [mA]
DC Bias vs Inductance
0.1
1
10
100
0.1
1
10
100
1000
10000
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
2000
4000
6000
8000
10000
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
The products are tested based on the test conditions and methods defined in AEC-Q200.
Please consult with TAIYO YUDEN for the details of the product specification and AEC-Q200 test results, etc.,
and please review and approve TAIYO YUDEN's product specification before ordering.


Similar Part No. - NRS8030T1R0NJGJV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS8030T1R0NJGJ TAIYO-YUDEN-NRS8030T1R0NJGJ Datasheet
147Kb / 1P
   SMD Power Inductors
NRS8030T1R0NJGJ TAIYO-YUDEN-NRS8030T1R0NJGJ Datasheet
293Kb / 3P
   SMD Power Inductors (NR series S type)
NRS8030T1R0NJGJ TAIYO-YUDEN-NRS8030T1R0NJGJ Datasheet
371Kb / 3P
   Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
NRS8030T1R0NJGJ8 TAIYO-YUDEN-NRS8030T1R0NJGJ8 Datasheet
301Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NR series S type)
NRS8030T1R0NJGJ TAIYO-YUDEN-NRS8030T1R0NJGJ_19 Datasheet
293Kb / 3P
   SMD Power Inductors (NR series S type)
More results

Similar Description - NRS8030T1R0NJGJV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NS12575T151MNV TAIYO-YUDEN-NS12575T151MNV Datasheet
168Kb / 2P
   SMD Power Inductors for Automotive
NS12575T220MNV TAIYO-YUDEN-NS12575T220MNV Datasheet
169Kb / 2P
   SMD Power Inductors for Automotive
NRH2410T1R0NN4V TAIYO-YUDEN-NRH2410T1R0NN4V Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH2410T1R5MNV TAIYO-YUDEN-NRH2410T1R5MNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH2412T1R0NNGHV TAIYO-YUDEN-NRH2412T1R0NNGHV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH3010T1R2NNV TAIYO-YUDEN-NRH3010T1R2NNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRH3010T2R2MNV TAIYO-YUDEN-NRH3010T2R2MNV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS2012T4R7MGJV TAIYO-YUDEN-NRS2012T4R7MGJV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS5020T6R8MMGJV TAIYO-YUDEN-NRS5020T6R8MMGJV Datasheet
148Kb / 1P
   SMD Power Inductors for Automotive
NRS3015T4R7MNGHV TAIYO-YUDEN-NRS3015T4R7MNGHV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
NRS4010T220MDGGV TAIYO-YUDEN-NRS4010T220MDGGV Datasheet
147Kb / 1P
   SMD Power Inductors for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com