Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA3856G-75 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3856G-75
Description  TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3856G-75 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3856G-75 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8 Pin DIP and SMD Single Output Low Power / Low Noise 3.3V Application
TTL Compatible Active Delay Lines
Compatible with standard auto-insertable equipment and can be used in either infrared or vapor phase process.
Schematic
VOL Low-Level Output Voltage
VOH High-Level Output Voltage VCC= 2.7 to 3.6 V;I OH = -100µA
V
V
-0.2
0.2
V
I CCH Quiescent Supply Current
I CCL Quiescent Supply Current
DC Electrical Characteristics
Parameter
Test Conditions
Max Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
3.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VCC
Supply Voltage
2.7
3.6
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-20
mA
IOH
High-Level Output Current
-20
mA
IOL
Low-Level Output Current
32
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
DSA3856(G)-XX
Rev. 1 2/4/02
QAF-CSO1 Rev. B 8/25/94
DIP Package
SMD Package
Min
VIK
Input Clamp Voltage
V
= 2.7 V;I
-1.2
V
CC
IK = -18mA
VCC= 2.7 V;I OH = -6mA
V
2.4
VCC= 3.0 V;I OH = -20mA
V
2.0
VCC= 2.7 V;I OL = -100µA
V
VCC= 2.7 V;I OL = 24mA
V
0.5
VCC= 3.0 V;I OL = 32mA
V
0.5
TBA
mA
TBA
mA
VCC= 3.6 V; OH,V = Gnd or V
,I
=0
CC
IO
VCC= 3.6 V; OL,V = Gnd or V
,I
=0
CC
IO
CC
TIME DELAY (ns)
± 5% or ± 2 nS†
Whichever is greater.
Delay Times referenced from input to leading edges at 25°C, 3.0V, with no load.
TIME DELAY (ns)
± 5% or ± 2 nS†
60
75
100
125
150
175
200
225
250
5
10
15
20
25
30
35
40
45
12
PART
NUMBER
(DIP)
EPA3856-5
EPA3856-10
EPA3856-15
EPA3856-20
EPA3856-25
EPA3856-30
EPA3856-35
EPA3856-40
EPA3856-45
EPA3856-12
50
PART
NUMBER
(DIP)
EPA3856-60
EPA3856-75
EPA3856-100
EPA3856-125
EPA3856-150
EPA3856-175
EPA3856-200
EPA3856-225
EPA3856-250
EPA3856-50
PART
NUMBER
(SMD)
EPA3856G-5
EPA3856G-10
EPA3856G-15
EPA3856G-20
EPA3856G-25
EPA3856G-30
EPA3856G-35
EPA3856G-40
EPA3856G-45
EPA3856G-12
PART
NUMBER
(SMD)
EPA3856G-60
EPA3856G-75
EPA3856G-100
EPA3856G-125
EPA3856G-150
EPA3856G-175
EPA3856G-200
EPA3856G-225
EPA3856G-250
EPA3856G-50
120
7
EPA3856-7
EPA3856-120
EPA3856G-7
EPA3856G-120
.010
TYP
.250
MAX
.365
MAX
.100
TYP
.500
.280
PCA
EPA3856-5
Date Code
.
.020
TYP
MAX
.120 MIN
.020
TYP
MAX
WHITE DOT
PIN#1
5
1
4
OUTPUT
GROUND
INPUT
8
VCC
.240
.055
.280
MAX
.01
TYP
.300
.05
.410
.300
.03
Suggested Solder
Pad Layout
.02
.490
PCA
EPA3856G-5
Date Code
WHITE DOT
PIN#1
.300


Similar Part No. - EPA3856G-75

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3856G-75 PCA-EPA3856G-75 Datasheet
24Kb / 1P
   8 Pin DIP and SMD Single Output Low Power / Low Noise 3.3V Application TTL Compatible Active Delay Lines
More results

Similar Description - EPA3856G-75

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3507-XX PCA-EPA3507-XX_15 Datasheet
47Kb / 1P
   Fast Logic TTL Compatible Active Delay Lines
EPA249-5 PCA-EPA249-5 Datasheet
30Kb / 1P
   8 Pin Triple TTL Compatible Active Delay Lines
EPA249 PCA-EPA249_15 Datasheet
30Kb / 1P
   8 Pin Triple TTL Compatible Active Delay Lines
logo
List of Unclassifed Man...
M83532 ETC1-M83532 Datasheet
42Kb / 2P
   QPL Active Delay Lines (TTL)
logo
PCA ELECTRONICS INC.
EP9748-5 PCA-EP9748-5 Datasheet
18Kb / 1P
   Mini SIL Single Output TTL Compatible Active Delay Lines
logo
List of Unclassifed Man...
EP9934 ETC1-EP9934 Datasheet
41Kb / 3P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EPA280-5 PCA-EPA280-5 Datasheet
20Kb / 1P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
EPA445-5 PCA-EPA445-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual TTL Compatible Active Delay Lines
EP9934 PCA-EP9934_15 Datasheet
47Kb / 3P
   8 Pin SIL Triple TTL Compatible Active Delay Lines
EP9734 PCA-EP9734_15 Datasheet
22Kb / 1P
   14 Pin DIP Quad TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com