Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5526 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HC5526
Description  ITU CO/PABX SLIC with Low Power Standby
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526 Datasheet(HTML) 4 Page - Intersil Corporation

  HC5526 Datasheet HTML 1Page - Intersil Corporation HC5526 Datasheet HTML 2Page - Intersil Corporation HC5526 Datasheet HTML 3Page - Intersil Corporation HC5526 Datasheet HTML 4Page - Intersil Corporation HC5526 Datasheet HTML 5Page - Intersil Corporation HC5526 Datasheet HTML 6Page - Intersil Corporation HC5526 Datasheet HTML 7Page - Intersil Corporation HC5526 Datasheet HTML 8Page - Intersil Corporation HC5526 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
60
TIP IDLE VOLTAGE
Active, IL = 0
--4-
V
Standby, IL = 0
-<0-
V
RING IDLE VOLTAGE
Active, IL = 0
-
-24
-
V
Standby, IL = 0
-
>-28
-
V
4-WIRE TRANSMIT PORT (VTX)
Overload Level
ZL > 20kΩ, 1% THD (Note 12, Figure 7)
3.1
-
-
VPEAK
Output Offset Voltage
EG = 0, ZL = ∞ (Note 13, Figure 7)
-60
-
60
mV
Output Impedance (Guaranteed by Design)
0.2kHz < f < 03.4kHz
-
5
20
2- to 4-Wire (Metallic to VTX) Voltage Gain
0.3kHz < f < 03.4kHz (Note 14, Figure 7)
0.98
1.0
1.02
V/V
FIGURE 6. TWO-WIRE RETURN LOSS
FIGURE 7. OVERLOAD LEVEL (4-WIRE TRANSMIT PORT),
OUTPUT OFFSET VOLTAGE, 2-WIRE TO 4-WIRE
VOLTAGE GAIN AND HARMONIC DISTORTION
4-WIRE RECEIVE PORT (RSN)
DC Voltage
IRSN = 0mA
-
0
-
V
RX Sum Node Impedance (Guaranteed by
Design)
0.3kHz < f < 3.4kHz
-
-
20
Current Gain-RSN to Metallic
0.3kHz < f < 3.4kHz (Note 15, Figure 8)
980
1000
1020
Ratio
FREQUENCY RESPONSE (OFF-HOOK)
2-Wire to 4-Wire
0dBm at 1.0kHz, ERX = 0V,
0.3kHz < f < 3.4kHz (Note 16, Figure 9)
-0.2
-
0.2
dB
4-Wire to 2-Wire
0dBm at 1.0kHz, EG = 0V,
0.3kHz < f < 3.4kHz (Note 17, Figure 9)
-0.2
-
0.2
dB
4-Wire to 4-Wire
0dBm at 1.0kHz, EG = 0V,
0.3kHz < f < 3.4kHz (Note 18, Figure 9)
-0.2
-
0.2
dB
INSERTION LOSS
2-Wire to 4-Wire
0dBm, 1kHz (Note 19, Figure 9)
-0.2
-
0.2
dB
4-Wire to 2-Wire
0dBm, 1kHz (Note 20, Figure 9)
-0.2
-
0.2
dB
GAIN TRACKING (Ref = -10dBm, at 1.0kHz)
2-Wire to 4-Wire
-40dBm to +3dBm (Note 21, Figure 9)
-0.1
-
0.1
dB
2-Wire to 4-Wire
-55dBm to -40dBm (Note 21, Figure 9)
-
±0.03
-
dB
4-Wire to 2-Wire
-40dBm to +3dBm (Note 22, Figure 9)
-0.1
-
0.1
dB
Electrical Specifications
TA =0
oCto70oC, V
CC =5V ±5%, VEE = -5V ±5%, VBAT = -28V, AGND = BGND = 0V, RDC1 =RDC2 = 41.2kΩ,
RD = 39kΩ,RSG = ∞,RF1 =RF2 =0Ω,CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All
pin number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RRX
VS
300k
ZD
RLR
RT
600k
R
R
ZIN
VM
TIP
27
VTX
19
RING
28
RSN
16
RT
RRX
IDCMET
600k
300k
C
EG
RL
VTXO
600
ZL
VTR
23mA
2.16
µF
VTX
TIP
27
VTX
19
RING
28
RSN
16
HC5526


Similar Part No. - HC5526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5526 INTERSIL-HC5526 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5526CM INTERSIL-HC5526CM Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
More results

Similar Description - HC5526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com