Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55180CIM Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC55180CIM
Description  Extended Reach Ringing SLIC Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180CIM Datasheet(HTML) 1 Page - Intersil Corporation

  HC55180CIM Datasheet HTML 1Page - Intersil Corporation HC55180CIM Datasheet HTML 2Page - Intersil Corporation HC55180CIM Datasheet HTML 3Page - Intersil Corporation HC55180CIM Datasheet HTML 4Page - Intersil Corporation HC55180CIM Datasheet HTML 5Page - Intersil Corporation HC55180CIM Datasheet HTML 6Page - Intersil Corporation HC55180CIM Datasheet HTML 7Page - Intersil Corporation HC55180CIM Datasheet HTML 8Page - Intersil Corporation HC55180CIM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
28
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
RSLIC18™ is a trademark of Intersil Corporation.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HC55180, HC55181, HC55182, HC55183, HC55184
Extended Reach Ringing SLIC Family
The RSLIC18 family of
ringing subscriber line
interface circuits (RSLIC)
supports analog Plain Old
Telephone Service (POTS) in
short and medium loop length, wireless and wireline
applications. Ideally suited for remote subscriber units, this
family of products offers flexibility to designers with high
ringing voltage and low power consumption system
requirements.
The RSLIC18 family operates to 100V which translates
directly to the amount of ringing voltage supplied to the end
subscriber. With the high operating voltage, subscriber loop
lengths can be extended to 500
Ω (i.e., 5,000 feet) and
beyond.
Other key features across the product family include: low
power consumption, ringing using sinusoidal or trapezoidal
waveforms, robust auto-detection mechanisms for when
subscribers go on or off hook, and minimal external discrete
application components. Integrated test access features are
also offered on selected products to support loopback
testing as well as line measurement tests.
There are five product offerings in the RSLIC18 family:
HC55180, HC55181, HC55182, HC55183 and HC55184.
The architecture for this family is based on a voltage feed
amplifier design using low fixed loop gains to achieve high
analog performance with low susceptibility to system
induced noise.
Block Diagram
Features
• Battery Operation to 100V
• Low Standby Power Consumption of 50mW
• Peak Ringing Amplitude 95V, 5 REN
• Sinusoidal or Trapezoidal Ringing Capability
• Integrated CODEC Ringing Interface
• Integrated MTU DC Characteristics
• Low External Component Count
• Pulse Metering and On Hook Transmission
• Tip Open Ground Start Operation
• Thermal Shutdown with Alarm Indicator
• 28 Lead Surface Mount Packaging
• Dielectric Isolated (DI) High Voltage Design
• HC55180
- Silent Polarity Reversal
- 53dB Longitudinal Balance
- Loopback Test Capability
• HC55181
- Integrated Battery Switch
- Silent Polarity Reversal
- 58/53dB Longitudinal Balance
- Loopback and Test Access Capability
• HC55182
- Integrated Battery Switch
- 58/53dB Longitudinal Balance
- Loopback and Test Access Capability
• HC55183
- Integrated Battery Switch
- 45dB Longitudinal Balance
• HC55184
- Integrated Battery Switch
- Silent Polarity Reversal
- 45dB Longitudinal Balance
Applications
• Wireless Local Loop (WLL)
• Digital Added Main Line (DAML)/Pairgain
• Integrated Services Digital Network (ISDN)
• Small Office Home Office (SOHO) PBX
• Cable/Computer Telephony
Related Literature
• AN9814, User’s Guide for Development Board
• AN9824, Modeling of the AC Loop
• AN TBD, Interfacing to DSP CODECs
VRS
VRX
VTX
-IN
VFB
F2
F1
F0
ILIM
TIP
RING
SW+
SW-
RTD RD
DET ALM
RINGING
PORT
4-WIRE
PORT
CONTROL
LOGIC
BATTERY
SWITCH
TRANSMIT
SENSING
DETECTOR
LOGIC
DC
CONTROL
2-WIRE
PORT
TEST
ACCESS
E0
POL
CDC
VBH
VBL
BSEL
SWC
Data Sheet
October 1998
File Number
4519.4


Similar Part No. - HC55180CIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55180DIM INTERSIL-HC55180DIM Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
More results

Similar Description - HC55180CIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com