Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC55184 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HC55184
Description  Extended Reach Ringing SLIC Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55184 Datasheet(HTML) 4 Page - Intersil Corporation

  HC55184 Datasheet HTML 1Page - Intersil Corporation HC55184 Datasheet HTML 2Page - Intersil Corporation HC55184 Datasheet HTML 3Page - Intersil Corporation HC55184 Datasheet HTML 4Page - Intersil Corporation HC55184 Datasheet HTML 5Page - Intersil Corporation HC55184 Datasheet HTML 6Page - Intersil Corporation HC55184 Datasheet HTML 7Page - Intersil Corporation HC55184 Datasheet HTML 8Page - Intersil Corporation HC55184 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
31
Absolute Maximum Ratings TA =25oC
Thermal Information
Maximum Supply Voltages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
VCC - VBAT (180, 181, 182) . . . . . . . . . . . . . . . . . . . . . . . . . 110V
VCC - VBAT (183, 184) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85V
Uncommitted Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . -110V
ESD (Human Body Model). . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Operating Conditions
Temperature Range
Industrial (I suffix) . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Commercial (C suffix). . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Positive Power Supply (VCC) . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Negative Power Supply (VBH, VBL) (180, 181, 182) . -16V to -100V
Negative Power Supply (VBH, VBL) (183, 184) . . . . . . -24V to -75V
Uncommitted Switch (loop back or relay driver). . . . . . +5V to -100V
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
PLCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
53
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(PLCC - Lead Tips Only)
Die Characteristics
Substrate Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VBAT
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, TA = 0
oC to 70oC for the HC55183, 184 only, all others -40oC to 85oC, V
BL = -24V,
VBH = -100V, -85V or -75V, VCC = +5V, AGND = BGND = 0V, loop current limit = 25mA. All AC Parameters are
specified at 600
Ω 2-wire terminating impedance over the frequency band of 300Hz to 3.4kHz. Protection
resistors = 0
Ω. These parameters apply generically to each product offering.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RINGING PARAMETERS (Note 2)
VRS Input Impedance (Note 3)
480
-
-
k
Differential Ringing Gain
VRS to 2-wire, RLOAD = ∞ (Note 4)
78
80
82
V/V
4-Wire to 2-Wire Ringing Off Isolation
Active mode, referenced to VRS input.
-
60
-
dB
2-Wire to 4-Wire Transmit Isolation
Ringing mode referenced to the differential ringing
amplitude.
-60-
dB
AC TRANSMISSION PARAMETERS (Notes 5, 6)
Receive Input Impedance (Note 3)
160
-
-
k
Transmit Output Impedance (Note 3)
--
1
4-Wire Port Overload Level
THD = 1%
3.1
3.5
-
VPK
2-Wire Port Overload Level
THD = 1%
3.1
3.5
-
VPK
2-Wire Return Loss
300Hz
≤ f < 1kHz
30
45
-
dB
1kHz
≤ f ≤ 3.4kHz
35
45
-
dB
Longitudinal Current Capability (Per Wire) (Note 3)
Test for False Detect
20
-
-
mARMS
Test for False Detect, Low Power Standby
10
-
-
mARMS
4-Wire to 2-Wire Insertion Loss
-0.20
0.0
+0.30
dB
2-Wire to 4-Wire Insertion Loss
-6.22
-6.02
-5.82
dB
4-Wire to 4-Wire Insertion Loss
-6.22
-6.02
-5.82
dB
Idle Channel Noise 2-Wire
C-Message
-
16
19
dBrnC
Psophometric
-
-73.5
-71
dBmp
Idle Channel Noise 4-Wire
C-Message
-
10
13
dBrnC
Psophometric
-
-79.5
-77
dBmp
DC PARAMETERS (Note 6)
Loop Current Limit Programming Range (Note 5)
Max Low Battery = -52V
15
-
45
mA
Loop Current During Low Power Standby
Forward polarity only.
18
-
26
mA
HC55180, HC55181, HC55182, HC55183, HC55184


Similar Part No. - HC55184

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55184 INTERSIL-HC55184 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55184 RENESAS-HC55184 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55184ECM INTERSIL-HC55184ECM Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55184ECMZ INTERSIL-HC55184ECMZ Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55184ECMZ INTERSIL-HC55184ECMZ Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
More results

Similar Description - HC55184

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com