Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA3507-250 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3507-250
Description  Fast Logic TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3507-250 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3507-250 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14 Pin DIP and SMD 5 Tap Both Edges Controlled
Fast Logic TTL Compatible Active Delay Lines
Input to Tap ± 5% or ± 2nS†
Tap to Tap ± 7% or ± 2nS†
Tap
5, 10, 15, 20
6, 12, 18, 24
7, 14, 21, 28
8, 16, 24, 32
9, 18, 27, 36
10, 20, 30, 40
12, 24, 36, 48
15, 30, 45, 60
20, 40, 60, 80
25, 50, 75, 100
30, 60, 90, 120
35, 70, 105, 140
Total
25
30
35
40
45
50
60
75
100
125
150
175
DIP Part
Number
EPA3507-25
EPA3507-30
EPA3507-35
EPA3507-40
EPA3507-45
EPA3507-50
EPA3507-60
EPA3507-75
EPA3507-100
EPA3507-125
EPA3507-150
EPA3507-175
SMD Part
Number
EPA3507G-25
EPA3507G-30
EPA3507G-35
EPA3507G-40
EPA3507G-45
EPA3507G-50
EPA3507G-60
EPA3507G-75
EPA3507G-100
EPA3507G-125
EPA3507G-150
EPA3507G-175
Tap
40, 80, 120, 160
45, 90, 135, 180
50, 100, 150, 200
60, 120, 180, 240
70, 140, 210, 280
80, 160, 240, 320
84, 168, 252, 336
88, 176, 264, 352
90, 180, 270, 360
84, 188, 282, 376
100, 200, 300, 400
Total
200
225
250
300
350
400
420
440
450
470
500
DIP Part
Number
EPA3507-200
EPA3507-225
EPA3507-250
EPA3507-300
EPA3507-350
EPA3507-400
EPA3507-420
EPA3507-440
EPA3507-450
EPA3507-470
EPA3507-500
SMD Part
Number
EPA3507G-200
EPA3507G-225
EPA3507G-250
EPA3507G-300
EPA3507G-350
EPA3507G-400
EPA3507G-420
EPA3507G-440
EPA3507G-450
EPA3507G-470
EPA3507G-500
Whichever is greater.
Delay measured @ 1.5V levels on leading and trailing edge w/ 15pF load on taps.
Rise and Fall Time measured from 0.75 to 2.4V level.
Compatible with standard auto-insertable equipment and can be used in either infrared or vapor phase process.
Schematic
VOH High-Level Output Voltage
VCC= Min. VIL= Max. IOH = Max. 2.7
V
VOL
Low-Level Output Voltage
VCC= Min. VIH = Min. I OL= Max.
0.5
V
VIK
Input Clamp Voltage
VCC= Min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= Max. VIN = 2.7V
20
µA
IIL
Low-Level Input Current
VCC= Max. VIN = 0.5V
-0.6
mA
IOS
Short Circuit Output Current VCC= Max. VOUT = 0.
-60
-150
mA
(One output at a time)
I CCH High-Level Supply Current
VCC= Max. VIN = OPEN
25
mA
ICCL Low-Level Supply Current
VCC= Max. VIN = 0
40
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC= Max. VOH = 2.7V
NL
Fanout Low-Level Output
VCC= Max. VOL = 0.5V
Electrical Characteristics
Parameter
Test Conditions
Min. Max. Unit
VCC Supply Voltage
4.75 5.25
V
VIH High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH High-Level Output Current
-1.0
mA
IOL Low-Level Output Current
20
mA
PW* Input Pulse Width of Total Delay 40
%
d*
Duty Cycle
50
%
T
A
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min. Max. Unit
*These two values are inter-dependent.
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
DSA3507G-XX & DSA3507-XX
Rev. - 7/22/98
QAF-CSO1 Rev. B 8/25/94
DIP Package
SMD Package
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width 1.2X Total Delay
TRI
Pulse Rise Time (10 - 90%)
3.0
nS
PRR
Pulse Repetition Rate 4X P
MHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
nS
TC
Temp. Coeff. of Total Delay
TSTG Storage Temp. Range
100 + (25000/TD) PPM/°C
-20 °C to +100 °C
20 TTL LOAD
10 TTL LOAD
W
---
---
Input to Tap ± 5% or ± 2nS†
Tap to Tap ± 7% or ± 2nS†
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.100
Typ.
.770
.215
.010
± .005
.019
± .002
.420
.055
.300
.030
Suggested Solder
Pad Layout
.200
.270
.200
Typ.
.300
Typ.
PCA
EPA3507G-XX
Date Code
.085
Typ.
.035
.380
0°-8°
.010
Typ.
Pin 1
I.D.
.365
Max.
.010
Typ.
.280
Max.
PCA
EPA3507-XX
Date Code
Pin 1
I.D.
.100
.300
.200
.780 Max.
.125 ± .010
.020
Min.
.250
Max.
.020
Typ.


Similar Part No. - EPA3507-250

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3507-250 PCA-EPA3507-250 Datasheet
47Kb / 1P
   14 Pin DIP and SMD 5 Tap Both Edges Controlled Fast Logic TTL Compatible Active Delay Lines
More results

Similar Description - EPA3507-250

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2200 PCA-EPA2200_15 Datasheet
20Kb / 1P
   8 Pin Triple Fast Logic TTL Compatible Active Delay Lines
EPA2200-5 PCA-EPA2200-5 Datasheet
20Kb / 1P
   8 Pin Triple Fast Logic TTL Compatible Active Delay Lines
EPA3856G-XX PCA-EPA3856G-XX_15 Datasheet
24Kb / 1P
   TTL Compatible Active Delay Lines
EPA509-5 PCA-EPA509-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual Fast Logic TTL Compatible Active Delay Lines
EPA770 PCA-EPA770_15 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA770-4 PCA-EPA770-4 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1145-4 PCA-EPA1145-4 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1145 PCA-EPA1145_15 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1140F-25 PCA-EPA1140F-25 Datasheet
22Kb / 1P
   SMD 8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA249-5 PCA-EPA249-5 Datasheet
30Kb / 1P
   8 Pin Triple TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com