Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5517CM Datasheet(PDF) 7 Page - Intersil Corporation

Part # HC5517CM
Description  3 REN Ringing SLIC For ISDN Modem/TA and WLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5517CM Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HC5517CM Datasheet HTML 3Page - Intersil Corporation HC5517CM Datasheet HTML 4Page - Intersil Corporation HC5517CM Datasheet HTML 5Page - Intersil Corporation HC5517CM Datasheet HTML 6Page - Intersil Corporation HC5517CM Datasheet HTML 7Page - Intersil Corporation HC5517CM Datasheet HTML 8Page - Intersil Corporation HC5517CM Datasheet HTML 9Page - Intersil Corporation HC5517CM Datasheet HTML 10Page - Intersil Corporation HC5517CM Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
66
AC Voltage Gain Design Equations
The HC5517 uses feedback to synthesize the impedance at
the 2-wire tip and ring terminals. This feedback network
defines the AC voltage gains for the SLIC.
The 4-wire to 2-wire voltage gain (VRX to VTR) is set by the
feedback loop shown in Figure 3. The feedback loop senses
the loop current through resistors R13 and R14, sums their
voltage drop and multiplies it by 2 to produce an output volt-
age at the VTX pin equal to +4RS∆IL. The VTX voltage is
then fed into the -IN1 input of the SLIC’s internal op amp.
This signal is multiplied by the ratio R8/R9 and fed into the
tip current summing node via the OUT1 pin. (Note: the inter-
nal VBAT/2 reference (ring feed amplifier) and the internal
+2V reference (tip feed amplifier) are grounded for the AC
analysis.)
The current into the OUT1 pin is equal to:
Equation 6 is the node equation for the tip amplifier summing
node. The current in the tip feedback resistor (IR) is given in
Equation 7.
The AC voltage at VC is then equal to:
and the AC voltage at VD is:
The values for R8 and R9 are selected to match the
impedance
requirements
on
tip
and
ring,
for
more
information reference AN9607 “Impedance Matching Design
Equations for the HC5509 Series of SLICs”. The following
loop current calculations will assume the proper R8 and R9
values for matching a 600
Ω load.
The loop current (
∆IL) with respect to the feedback network,
is calculated in Equations 11 through 14. Where R8 = 40kΩ,
R9 = 40kΩ, RL = 600Ω, R11 = R12 = R13 = R14 = 50Ω.
Substituting the expressions for VC and VD:
Equation 12 simplifies to:
Solving for
∆IL results in:
Equation 14 is the loop current with respect to the feedback
network. From this, the 4-wire to 2-wire and the 2-wire to
4-wire AC voltage gains are calculated. Equation 15 shows
the 4-wire to 2-wire AC voltage gain is equal to one.
Equation 16 shows the 2-wire to 4-wire AC voltage gain is
equal to negative one-third.
Impedance Matching
The feedback network, described above, is capable of
synthesizing both resistive and complex loads. Matching the
SLIC’s 2-wire impedance to the load is important to maxi-
mize power transfer and minimize the 2-wire return loss. The
2-wire return loss is a measure of the similarity of the imped-
ance of a transmission line (tip and ring) and the impedance
at it’s termination. It is a ratio, expressed in decibels, of the
power of the outgoing signal to the power of the signal
reflected back from an impedance discontinuity.
Requirements for Impedance Matching
Impedance matching of the HC5517 application circuit to the
transmission line requires that the impedance be matched to
points “A” and “B” in Figure 3. To do this, the sense resistors
R11,R12,R13 and R14 must be accounted for by the feed-
back network to make it appear as if the output of the tip and
ring amplifiers are at points “A” and “B”. The feedback network
takes a voltage that is equal to the voltage drop across the
sense resistors and feeds it into the summing node of the tip
amplifier. The effect of this is to cause the tip feed voltage to
become more negative by a value that is proportional to the
voltage drop across the sense resistors R11 and R13. At the
same time the ring amplifier becomes more positive by the
I
OUT1
4R
S IL
R
--------------------
R
8
R
9
-------



=
(EQ. 5)
I
R
4R
S IL
R
--------------------
R
8
R
9
-------



V
RX
R
-----------
+
0
=
(EQ. 6)
I
R
4R
S IL
R
--------------------
R
8
R
9
-------



V
RX
R
-----------
+
=
(EQ. 7)
V
C
I
R
() R
()
=
(EQ. 8)
V
C
4
– R
S IL
R
8
R
9
-------



V
RX
+
=
(EQ. 9)
V
D
4R
S IL
R
8
R
9
-------



V
RX
=
(EQ. 10)
I
L
V
C
V
D
R
L
R
11
R
12
R
13
R
14
++++
--------------------------------------------------------------------------
=
(EQ. 11)
I
L
24
– R
S IL
R
8
R
9
-------



V
RX
+



×
R
L
R
11
R
12
R
13
R
14
++++
--------------------------------------------------------------------------
=
(EQ. 12)
I
L
2V
RX
400 I
L
800
----------------------------------------
=
(EQ. 13)
I
L
V
RX
600
-----------
=
(EQ. 14)
A
4W
2W
V
TR
V
RX
-----------
I
L RL
()
V
RX
---------------------
V
RX
600
-----------
600
()
V
RX
---------------------------
1
==
=
=
(EQ. 15)
A
2W
4W
V
OUT1
V
TR
-------------------
4
– R
S IL
R
8
R
9
-------



I
L RL
()
-------------------------------------
200
V
RX
600
-----------
1
()
V
RX
600
-----------
600
()
----------------------------------
1
3
---
==
=
=
(EQ. 16)
HC5517


Similar Part No. - HC5517CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5517CM INTERSIL-HC5517CM Datasheet
416Kb / 19P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
More results

Similar Description - HC5517CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5517 INTERSIL-HC5517_00 Datasheet
416Kb / 19P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
HC55171 INTERSIL-HC55171_03 Datasheet
874Kb / 20P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
HC55171 INTERSIL-HC55171 Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC5517B INTERSIL-HC5517B Datasheet
88Kb / 11P
   Low Cost 3 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171B INTERSIL-HC55171B Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
   WLL and ISDN-TA subscriber line interface circuit
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
   WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
   WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com