Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5517 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC5517
Description  3 REN Ringing SLIC For ISDN Modem/TA and WLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5517 Datasheet(HTML) 2 Page - Intersil Corporation

  HC5517 Datasheet HTML 1Page - Intersil Corporation HC5517 Datasheet HTML 2Page - Intersil Corporation HC5517 Datasheet HTML 3Page - Intersil Corporation HC5517 Datasheet HTML 4Page - Intersil Corporation HC5517 Datasheet HTML 5Page - Intersil Corporation HC5517 Datasheet HTML 6Page - Intersil Corporation HC5517 Datasheet HTML 7Page - Intersil Corporation HC5517 Datasheet HTML 8Page - Intersil Corporation HC5517 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
61
Absolute Maximum Ratings TA =25oC
Thermal Information
Maximum Supply Voltages
(VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to +7V
(VCC)-(VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .90V
Relay Drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +15V
Operating Conditions
Operating Temperature Range
HC5517IM, HC5517IB . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
HC5517CM, HC5517CB . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Relay Drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V to +12V
Positive Power Supply (VCC) . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Negative Power Supply (VBAT) . . . . . . . . . . . . . . . . . . .-16V to -80V
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature Plastic . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC, PLCC - Lead Tips Only)
Die Characteristics
Transistor Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 224
Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 174 x 120
Substrate Potential. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VBAT
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
ESD (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . . . . . . .500V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. All grounds (AGND, BGND) must be applied before VCC or VBAT. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
Electrical Specifications
Unless Otherwise Specified, Typical Parameters are at TA = 25
oC, Min-Max Parameters are over
Operating Temperature Range, VBAT = -24V, VCC = +5V, AGND = BGND = 0V. All AC Parameters are specified
at 600
Ω 2-Wire terminating impedance.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RINGING TRANSMISSION PARAMETERS
VRING Input Impedance
(Note 3)
-
5.4
-
k
4-Wire to 2-Wire Gain
VRING to Vt-r (Note 3)
-
40
-
V/V
AC TRANSMISSION PARAMETERS
RX Input Impedance
300Hz to 3.4kHz (Note 3)
-
108
-
k
TX Output Impedance
300Hz to 3.4kHz (Note 3)
-
-
20
4-Wire Input Overload Level
300Hz to 3.4kHz RL = 1200Ω, 600Ω Reference
(Note 3)
+1.0
-
-
VPEAK
2-Wire Return Loss
Matched for 600
Ω (Note 3)
SRL LO
26
35
-
dB
ERL
30
40
-
dB
SRL HI
30
40
-
dB
2-Wire Longitudinal to Metallic Balance
Off Hook
Per ANSI/IEEE STD 455-1976 (Note 3)
300Hz to 3400Hz
58
63
-
dB
4-Wire Longitudinal Balance Off Hook
300Hz to 3400Hz (Note 3)
50
55
-
dB
Low Frequency Longitudinal Balance
ILINE = 40mA TA = 25
oC (Note 3)
-
10
23
dBrnC
Longitudinal Current Capability
ILINE = 40mA TA = 25
oC (Note 3)
-
-
40
mARMS
Insertion Loss
0dBm at 1kHz, Referenced 600
2-Wire/4-Wire (Includes external transhybrid
amplifier with a gain of 3)
-
±0.05
±0.2
dB
4-Wire/2-Wire
-
±0.05
±0.2
dB
4-Wire/4-Wire (Includes external transhybrid
amplifier with a gain of 3)
--
±0.25
dB
HC5517


Similar Part No. - HC5517

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55171 INTERSIL-HC55171 Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC55171B INTERSIL-HC55171B Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171BIB INTERSIL-HC55171BIB Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171BIM INTERSIL-HC55171BIM Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171CB INTERSIL-HC55171CB Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
More results

Similar Description - HC5517

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5517 INTERSIL-HC5517_00 Datasheet
416Kb / 19P
   3 REN Ringing SLIC For ISDN Modem/TA and WLL
HC55171 INTERSIL-HC55171_03 Datasheet
874Kb / 20P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
HC55171 INTERSIL-HC55171 Datasheet
153Kb / 18P
   5 REN Ringing SLIC for ISDN Modem/TA and WLL
July 1998
HC5517B INTERSIL-HC5517B Datasheet
88Kb / 11P
   Low Cost 3 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
HC55171B INTERSIL-HC55171B Datasheet
87Kb / 11P
   Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL
July 1998
logo
STMicroelectronics
STLC3055N STMICROELECTRONICS-STLC3055N_09 Datasheet
325Kb / 34P
   WLL and ISDN-TA subscriber line interface circuit
STLC3055N STMICROELECTRONICS-STLC3055N Datasheet
315Kb / 25P
   WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
STLC3055 STMICROELECTRONICS-STLC3055 Datasheet
153Kb / 22P
   WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com