Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC-5560 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HC-5560
Description  PCM Transcoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC-5560 Datasheet(HTML) 4 Page - Intersil Corporation

  HC-5560 Datasheet HTML 1Page - Intersil Corporation HC-5560 Datasheet HTML 2Page - Intersil Corporation HC-5560 Datasheet HTML 3Page - Intersil Corporation HC-5560 Datasheet HTML 4Page - Intersil Corporation HC-5560 Datasheet HTML 5Page - Intersil Corporation HC-5560 Datasheet HTML 6Page - Intersil Corporation HC-5560 Datasheet HTML 7Page - Intersil Corporation HC-5560 Datasheet HTML 8Page - Intersil Corporation HC-5560 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
72
Functional Description
The HC-5560 TRANSCODER can be divided into six sec-
tions: transmission (coding), reception (decoding), error
detection, all ones detection, testing functions, and output
controls.
The transmitter codes a non-return to zero (NRZ) binary uni-
polar input signal (NRZ Data In) into two binary unipolar
return to zero (RZ) output signals (OUT1, OUT2). These out-
put signals represent the NRZ data stream modified accord-
ing to the selected encoding scheme (i.e., AMl, B8ZS, B6ZS,
HDB3) and are externally mixed together (usually via a tran-
sistor or transformer network) to create a ternary bipolar sig-
nal for driving transmission lines.
The receiver accepts as its input the ternary data from the
transmission line that has been externally split into two
binary unipolar return to zero signals (AIN and BIN). These
signals are decoded, according to the rules of the selected
line code into one binary unipolar NRZ output signal (NRz
Data Out).
The encoder and decoder sections of the chip perform inde-
pendently (excluding loopback condition) and may operate
simultaneously.
The Error output signal is active high for one cycle of CLK
DEC upon the detection of any bipolar violation in the
received AIN and BIN signals that is not part of the selected
line coding scheme. The bipolar violation is not removed,
however, and shows up as a pulse in the NRZ Data Out sig-
nal. In addition, the Error output signal monitors the received
AIN and BIN signals for a string of zeros that violates the
maximum consecutive zeros allowed for the selected line
coding scheme (i.e., 15 for AMI, 8 for B8ZS, 6 for B6ZS, and
4 for HDB3). ln the event that an excessive amount of zeros
is detected, the Error output signal will be active high for one
cycle of CLK DEC during the zero that exceeds the maxi-
mum number. In the case that a high level should simulta-
neously appear on both received input signals AIN and BIN a
logical one is assumed and appears on the NRZ Data Out
stream with the Error output active.
An input signal received at inputs AIN and BIN that consists
of all ones (or marks) is detected and signaled by a high
level at the Alarm Indication Signal (AlS) output. This is also
known as Blue Code. The AlS output is set to a high level
when less than three zeros are received during one period of
Reset AIS immediately followed by another period of Reset
AlS containing less than three zeros. The AIS output is reset
to a low level upon the first period of Reset AlS containing 3
or more zeros.
A logic high level on LTE enables a loopback condition
where OUT1 is internally connected to AIN and OUT2 is
internally connected to BIN (this disables inputs AIN and BIN
to external signals). In this condition, NRZ Data In appears
at NRZ Data Out (delayed by the amount of clock cycles it
takes to encode and decode the selected line code). A
decode clock must be supplied for this operation.
The output controls are Output Enable and Force AlS. These
pins allow normal operation, force OUT1 and OUT2 to zero,
or force OUT1 and OUT2 to output all ones (AIS condition).
Line Code Descriptions
AMl, Alternate Mark Inversion, is used primarily in North
American T1 (1.544MHz) and T1C (3.152MHz) carriers.
Zeros are coded as the absence of a pulse and ones are
coded alternately as positive or negative pulses. This type of
coding reduces the average voltage level to zero to eliminate
DC spectral components, thereby eliminating DC wander. To
simplify timing recovery, logic 1’s are encoded with 50% duty
cycle pulses.
e.g.,
To facilitate timing maintenance at regenerative repeaters
along a transmission path, a minimum pulse density of logic
1s is required. Using AMl, there is a possibility of long strings
of zeros and the required density may not always exist, lead-
ing to timing jitter and therefore higher error rates.
A method for insuring minimum logic 1 density by substituting
bipolar code in place of strings of 0s is called BNZS or Bipolar
14
LTE
Loop Test Enable, this pin selects between normal and loop back operation. A logic ‘0’ selects normal oper-
ation where encode and decode are independent and asynchronous. A logic ‘1’ selects a loop back condition
where OUT1 is internally connected to AIN and OUT2 is internally connected to BIN. A decode clock must
be supplied.
16, 17
OUT1, OUT2
Outputs representing the ternary encoded NRZ Data In signal for line transmission. OUT1 and OUT2 are in
return to zero form and are clocked out on the positive going edge of CLK ENC. The length of OUT1 and
OUT2 is set by the length of the positive clock pulse.
18
Reset
A logic ‘0’ on this pin resets all internal registers to zero. A logic ‘1’ allows normal operation of all internal
registers.
19
Output Enable
A logic ‘1’ on this pin forces outputs OUT1 and OUT2 to zero. A logic ‘0’ allows normal operation.
20
VDD
Power to chip.
Pin Descriptions (Continued)
PIN NUMBER
FUNCTION
DESCRIPTION
01
00
0
0
00
0 0
0
11
1
1
1
PCM CODE
AMI CODE
HC-5560


Similar Part No. - HC-5560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5560 INTERSIL-HC-5560 Datasheet
388Kb / 10P
   PCM Transcoder
logo
Renesas Technology Corp
HC-5560 RENESAS-HC-5560 Datasheet
546Kb / 10P
   PCM Transcoder
July 2003
logo
Intersil Corporation
HC-5560 INTERSIL-HC-5560_03 Datasheet
388Kb / 10P
   PCM Transcoder
More results

Similar Description - HC-5560

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5560 INTERSIL-HC-5560_03 Datasheet
388Kb / 10P
   PCM Transcoder
logo
Renesas Technology Corp
HC-5560 RENESAS-HC-5560 Datasheet
546Kb / 10P
   PCM Transcoder
July 2003
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
NXP Semiconductors
TDA3592A PHILIPS-TDA3592A Datasheet
131Kb / 17P
   SECAM-PAL transcoder
January 1988
logo
Mitel Networks Corporat...
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
logo
Mitsubishi Electric Sem...
M52063SP MITSUBISHI-M52063SP Datasheet
496Kb / 13P
   NTSC/QUASI PAL TRANSCODER
logo
Microchip Technology
HCS473 MICROCHIP-HCS473_13 Datasheet
1Mb / 68P
   KEELOQ짰 3-Axis Transcoder
2000-2013
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
   32 kbps ADPCM TRANSCODER
logo
List of Unclassifed Man...
LICAL-TRC-MT ETC2-LICAL-TRC-MT Datasheet
420Kb / 15P
   MT SERIES TRANSCODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com