Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC1-55564-2 Datasheet(PDF) 1 Page - Harris Corporation

Part # HC1-55564-2
Description  Continuously Variable Slope Delta-Modulator (CVSD)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HC1-55564-2 Datasheet(HTML) 1 Page - Harris Corporation

  HC1-55564-2 Datasheet HTML 1Page - Harris Corporation HC1-55564-2 Datasheet HTML 2Page - Harris Corporation HC1-55564-2 Datasheet HTML 3Page - Harris Corporation HC1-55564-2 Datasheet HTML 4Page - Harris Corporation HC1-55564-2 Datasheet HTML 5Page - Harris Corporation HC1-55564-2 Datasheet HTML 6Page - Harris Corporation HC1-55564-2 Datasheet HTML 7Page - Harris Corporation HC1-55564-2 Datasheet HTML 8Page - Harris Corporation HC1-55564-2 Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Semiconductor
Description
The HC-55564 is a half duplex modulator/demodulator CMOS
intergrated circuit used to convert voice signals into serial NRZ
digital data and to reconvert that data into voice. The conver-
sion is by delta-modulation, using the Continuously Variable
Slope (CVSD) method of modulation/demodulation.
While the signals are compatible with other CVSD circuits, the inter-
nal design is unique. The analog loop filters have been replaced by
very low power digital filters which require no external timing compo-
nents. This approach allows inclusion of many desirable features
which would be difficult to implement using other approaches.
The fundamental advantages of delta-modulation, along with its
simplicity and serial data format, provide an efficient (low data
rate/low memory requirements) method for voice digitization.
The HC-55564 is usable from 9kbits/s to above 64kbps. See the
Harris Military databook for a MIL-STD-883C compliant CVSD.
Application Note 607.
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HC1-55564-2
-55 to 125
14 Ld CERDIP
F14.3
HC1-55564-5
0 to 75
14 Ld CERDIP
F14.3
HC1-55564-9
-40 to 85
14 Ld CERDIP
F14.3
HC3-55564-5
0 to 75
14 Ld PDIP
E14.3
HC9P55564-5
0 to 75
16 Ld Plastic SOIC (W)
M16.3
Features
• All Digital
• Requires Few External Parts
• Low Power Drain: 1.5mW Typical From Single 4.5V
To 6V Supply
• Time Constants Determined by Clock Frequency;
No Calibration or Drift Problems: Automatic Offset
Adjustment
• Half Duplex Operation Under Digital Control
• Filter Reset Under Digital Control
• Automatic Overload Recovery
• Automatic “Quiet” Pattern Generation
• AGC Control Signal Available
Applications
• Voice Transmission Over Data Channels (Modems)
• Voice/Data Multiplexing (Pair Gain)
• Voice Encryption/Scrambling
• Voicemail
• Audio Manipulations: Delay Lines, Time Compression,
Echo Generation/Suppression, Special Effects, etc.
• Pagers/Satellites
• Data Acquisition Systems
• Voice I/O for Digital Systems and Speech Synthesis
Requiring Small Size, Low Weight, and Ease of
Reprogrammability
• Related Literature
- AN607, Delta Modulation for Voice Transmission
February 1999
Pinouts
HC-55564
(PDIP, CERDIP)
TOP VIEW
HC-55564
(SOIC)
TOP VIEW
VDD
ANALOG GND
AOUT
AGC
AIN
NC
NC
DIG OUT
FZ
DIG IN
APT
ENC/DEC
CLOCK
DIG GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VDD
ANALOG GND
AOUT
AGC
AIN
NC
NC
NC
DIG OUT
DIG IN
APT
ENC/DEC
CLOCK
DIG GND
NC
FZ
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
Low Bit Rate Voiceband Encoders/Decoder
HC-55564
Continuously Variable
Slope Delta-Modulator (CVSD)
File Number
2889.5
[ /Title
(HC-
55564
)
/Sub-
ject
(Con-
tinu-
ously
Vari-
able
Slope
Delta-
Modu-
lator
(CVS
D))
/
Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor
, Tele-
com,
SLICs
,
SLAC
s,
Tele-
phone,
Tele-
phony,
OBSOLETE
PRODUCT
NO RECOMMENDED
REPLA
CEMENT
Call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com


Similar Part No. - HC1-55564-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC1-55564/883 INTERSIL-HC1-55564/883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
More results

Similar Description - HC1-55564-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-55564883 INTERSIL-HC-55564883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
HC-55536 INTERSIL-HC-55536 Datasheet
13Kb / 1P
   Continuously Variable Slope Delta-Demodulator (CVSD)
March 1993
logo
Motorola, Inc
MC34115 MOTOROLA-MC34115 Datasheet
362Kb / 16P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATOR/DEMODULATOR
logo
CML Microcircuits
FX-309 CMLMICRO-FX-309 Datasheet
362Kb / 8P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION
logo
List of Unclassifed Man...
FX-309 ETC-FX-309 Datasheet
359Kb / 8P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION
logo
Advanced Technical Mate...
AF064-10 ATM-AF064-10 Datasheet
127Kb / 1P
   CONTINUOUSLY VARIABLE ATTENUATORS
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
   Continuously Variable Attenuators
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
   Variable Slope Attenuators
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com