Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC-55564 Datasheet(PDF) 6 Page - Harris Corporation

Part # HC-55564
Description  Continuously Variable Slope Delta-Modulator (CVSD)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HC-55564 Datasheet(HTML) 6 Page - Harris Corporation

  HC-55564 Datasheet HTML 1Page - Harris Corporation HC-55564 Datasheet HTML 2Page - Harris Corporation HC-55564 Datasheet HTML 3Page - Harris Corporation HC-55564 Datasheet HTML 4Page - Harris Corporation HC-55564 Datasheet HTML 5Page - Harris Corporation HC-55564 Datasheet HTML 6Page - Harris Corporation HC-55564 Datasheet HTML 7Page - Harris Corporation HC-55564 Datasheet HTML 8Page - Harris Corporation HC-55564 Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
HC-55564
The following typical performance distortion graphs were
realized with the test configuration of Figure 7. The
measurement vehicle for Total Harmonic Distortion (THD)
was an HP-339A distortion measurement set, and for 2nd
and 3rd harmonic distortion, an HP-3582A spectrum
analyzer. All measurement conditions were at VDD = 5V, and
2nd and 3rd harmonic distortion measurements were C-
message filtered. 0dB = 1.2VRMS.
FIGURE 7. TEST AND MEASUREMENT CIRCUIT
FIGURE 8. CVSD SIGNAL LEVEL vs TOTAL HARMONIC
DISTORTION
FIGURE 9A.
FIGURE 10A.
FIGURE 9B.
FIGURE 10B.
FIGURE 9C.
FIGURE 9. CVSD INPUT LEVEL vs 2ND AND 3RD HARMONIC
DISTORTION
FIGURE 10C.
FIGURE 10. CVSD INPUT FREQUENCY vs 2ND AND 3RD
HARMONIC DISTORTION
FUNCT.
0.33
µF
5
HC-55564
AIN
AOUT
DEC/
ENC
VDD
APT
FZ
AGND
DGND
5V
+1.0
µF
C-MES-
FILTER
HP3582A
SPECTRUM
ANALYZER
OR HP339A
DISTORTION
ANALYZER
GEN.
0.33
µF
SAGE
1
11
13
3
10
8
2
30%
10%
3%
1%
-10
-20
-30
-40
-24
-16
-8
0
16KHz
32KHz
64KHz
INPUT
FREQ. = 1kHz
THD
INPUT SIGNAL LEVEL (dB)
(dB)
16kHz CLOCK
INPUT
FREQUENCY 1kHz
-10
-20
-30
-40
-24
-17
-11
INPUT SIGNAL LEVEL (dB)
CVSD INPUT LEVEL vs 2ND AND 3RD HARMONIC DISTORTION
C-MESSAGE WEIGHTED
-50
-3.8
+3.0
3RD
2ND
INPUT FREQUENCY (Hz)
-10
-20
-30
-40
0
1000
2000
CVSD SIGNAL TO 2ND AND 3RD HARMONIC DISTORTION
C-MESSAGE WEIGHTED
-50
3000
3RD
2ND
VIN = 0.5VRMS
16kHz CLOCK
-10
-20
-30
-40
-24
-17
-11
INPUT SIGNAL LEVEL (dB)
CVSD INPUT LEVEL vs 2ND AND 3RD HARMONIC DISTORTION
C-MESSAGE WEIGHTED
-50
-3.8
+3.0
3RD
2ND
32kHz CLOCK
INPUT
FREQUENCY 1kHz
-10
-20
-30
-40
0
1000
2000
INPUT FREQUENCY (Hz)
CVSD SIGNAL TO 2ND AND 3RD HARMONIC DISTORTION
C-MESSAGE WEIGHTED
-50
3000
3RD
2ND
VIN = 0.5VRMS
32kHz CLOCK
4000
-60
-10
-20
-30
-40
-24
-17
-11
INPUT SIGNAL LEVEL (dB)
CVSD INPUT LEVEL vs 2ND AND 3RD HARMONIC DISTORTION
C-MESSAGE WEIGHTED
-50
-3.8
+3.0
3RD
2ND
64kHz CLOCK
INPUT
FREQUENCY 1kHz
-10
-20
-30
-40
0
1000
2000
INPUT FREQUENCY (Hz)
CVSD SIGNAL TO 2ND AND 3RD HARMONIC DISTORTION
C-MESSAGE WEIGHTED
-60
3000
3RD
2ND
VIN = 0.5VRMS
64kHz CLOCK
4000
-50


Similar Part No. - HC-55564

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-55564/883 INTERSIL-HC-55564/883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
HC-55564883 INTERSIL-HC-55564883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
More results

Similar Description - HC-55564

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-55564883 INTERSIL-HC-55564883 Datasheet
127Kb / 5P
   Continuously Variable Slope Delta-Modulator (CVSD)
HC-55536 INTERSIL-HC-55536 Datasheet
13Kb / 1P
   Continuously Variable Slope Delta-Demodulator (CVSD)
March 1993
logo
Motorola, Inc
MC34115 MOTOROLA-MC34115 Datasheet
362Kb / 16P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATOR/DEMODULATOR
logo
CML Microcircuits
FX-309 CMLMICRO-FX-309 Datasheet
362Kb / 8P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION
logo
List of Unclassifed Man...
FX-309 ETC-FX-309 Datasheet
359Kb / 8P
   CONTINUOUSLY VARIABLE SLOPE DELTA MODULATION
logo
Advanced Technical Mate...
AF064-10 ATM-AF064-10 Datasheet
127Kb / 1P
   CONTINUOUSLY VARIABLE ATTENUATORS
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
   Continuously Variable Attenuators
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
   Variable Slope Attenuators
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com