Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPA1130-60 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1130-60
Description  8 Pin 5 Tap High Speed CMOS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1130-60 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1130-60 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*These two values are inter-dependent.
Recommended
Operating Conditions
Min
Max
Unit
VCC
DC Supply Voltage
4.5
5.5
Volt
VI
DC Input Voltage Range
0
VCC
Volt
VO
DC Output Voltage Range
0
VCC
Volt
PW*
Pulse Width % of Total Delay
40
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
I O
DC Output Source/Sink Current
25
mA
Schematic
Input Pulse Test Conditions @ 25°C
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
150
%
TRI
Input Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ PW
≤ 500nS
1.0
MHz
Pulse Repetition Rate @ PW > 500nS
100
KHz
VCC
Supply Voltage
5.0
Volts
DC Electrical Characteristics
Test Conditions
Min
Max Unit
VIH
High Level Input Voltage
VCC= 4.5 to 5.5
2.0
Volt
VIL
Low Level Input Voltage
VCC= 4.5 to 5.5
0.8
Volt
VOH
High Level Output Voltage
VCC= 4.5V,IO=-4.0mA
4.0
Volt
@V IH or VIL
VOL
Low Level Output Voltage
VCC= 4.5V,IO= 4.0mA
0.3
Volt
@V IH or VIL
IL
Input Leakage Current
VCC= 5.5V @VIH or VIL
±1.0
uA
ICC
Supply Current
VCC= 5.5V, VIN=0
15
mA
TRO
Output Rise Time
(.75 - 2.4 Volts)
4
nS
Parameter
NH
High Fanout
LSTTL Load
VCC= 5.5V, VOH= 4.0V
10
8 Pin 5 Tap High Speed CMOS (HCT)
Compatible Active Delay Lines
12*
17
22
27
32
EPA1130-32
EPA1130G-32
12*
18
24
30
36
EPA1130-36
EPA1130G-36
12*
19
26
33
40
EPA1130-40
EPA1130G-40
12*
20
28
36
44
EPA1130-44
EPA1130G-44
12*
21
30
39
48
EPA1130-48
EPA1130G-48
12*
22
32
42
52
EPA1130-52
EPA1130G-52
12*
24
36
48
60
EPA1130-60
EPA1130G-60
15
30
45
60
75
EPA1130-75
EPA1130G-75
Delays are ±5% or ±2 nS†
DIP Part
SMD Part
Tap
Total
Number
Number
Delays are ±5% or ±2 nS†
DIP Part
SMD Part
Tap
Total
Number
Number
20
40
60
80
100
EPA1130-100 EPA1130G-100
25
50
75
100
125
EPA1130-125 EPA1130G-125
30
60
90
120
150
EPA1130-150 EPA1130G-150
35
70
105
140
175
EPA1130-175 EPA1130G-175
40
80
120
160
200
EPA1130-200 EPA1130G-200
50
100
150
200
250
EPA1130-250 EPA1130G-250
60
120
180
240
300
EPA1130-300 EPA1130G-300
70
140
210
280
350
EPA1130-350 EPA1130G-350
Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V.
* Inherent Delay
DSA1130/G Rev. B
3/27/01
QAF-CSO1a Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
29
EPA1130-500 EPA1130-500
500
400
300
200
100
726
35
1
4
OUTPUT
GROUND
INPUT
8
VCC
SMD Package
DIP Package
.365
Max.
.500 Max.
.280
Max.
PCA
EPA1130-32
D.C.
.010
Typ.
.120 Min,
.020
Typ.
.250
Max.
.020
Typ.
White Dot
Pin#1
.100
.100
PCA
EPA1130G-32
D.C.
.280
Max.
.500 Max.
.250
Max.
.01
Typ.
.400
Max.
.02
.050
.300
.100
.055
.410
.03
Pad Layout


Similar Part No. - EPA1130-60

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1130-60 PCA-EPA1130-60 Datasheet
23Kb / 1P
   8 Pin 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
More results

Similar Description - EPA1130-60

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1130-32 PCA-EPA1130-32 Datasheet
23Kb / 1P
   8 Pin 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA220-32 PCA-EPA220-32 Datasheet
19Kb / 1P
   14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EPA1140 PCA-EPA1140_15 Datasheet
23Kb / 1P
   SMD 8 Pin 5 Tap TTL Compatible
logo
Bel Fuse Inc.
S450-0025-02 BEL-S450-0025-02 Datasheet
48Kb / 1P
   5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
S450-0025-02 BEL-S450-0025-02_10 Datasheet
42Kb / 1P
   5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
logo
PCA ELECTRONICS INC.
EP9604G-32 PCA-EP9604G-32 Datasheet
22Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604-32 PCA-EP9604-32 Datasheet
21Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604 PCA-EP9604_15 Datasheet
21Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604G PCA-EP9604G_15 Datasheet
22Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
logo
Dallas Semiconductor
DS1004 DALLAS-DS1004 Datasheet
54Kb / 6P
   5-Tap High Speed Silicon Delay Line
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com