Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC4P5502B1-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC4P5502B1-5
Description  SLIC Subscriber Line Interface Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC4P5502B1-5 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HC4P5502B1-5 Datasheet HTML 2Page - Intersil Corporation HC4P5502B1-5 Datasheet HTML 3Page - Intersil Corporation HC4P5502B1-5 Datasheet HTML 4Page - Intersil Corporation HC4P5502B1-5 Datasheet HTML 5Page - Intersil Corporation HC4P5502B1-5 Datasheet HTML 6Page - Intersil Corporation HC4P5502B1-5 Datasheet HTML 7Page - Intersil Corporation HC4P5502B1-5 Datasheet HTML 8Page - Intersil Corporation HC4P5502B1-5 Datasheet HTML 9Page - Intersil Corporation HC4P5502B1-5 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4-6
Functional Diagram
26
22
C4
Capacitor #4 - An external capacitor to be connected between this terminal and analog ground. This ca-
pacitor prevents false ground key indication and false ring trip detection from occurring when longitudinal
currents are induced onto the subscriber loop from nearby power lines and other noise sources. This ca-
pacitor is also required for the proper operation of ring trip detection. Typical value is 0.5
µF to 1.0µF, 20V.
This capacitor should be nonpolarized.
27
23
AG
Analog Ground - To be connected to zero potential and serves as a reference for the transmit output (TX)
and receive input (RX) terminals.
28
24
TX
Transmit Output, Four Wire Side - A low impedance analog output which represents the differential volt-
age across Tip and Ring. Transhybrid balancing must be performed (using the SLIC microcircuit’s spare
op amp) beyond this output to completely implement two to four wire conversion. This output is unbal-
anced and referenced to analog ground. Since the DC level of this output varies with loop current, capac-
itive coupling to the next stage is essential.
1, 8, 5, 22
NC
No Internal Connection.
NOTE:
5. All grounds (AG, BG, and DG) must be applied before VB+orVB-. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
Pin Descriptions
(Continued)
28 PIN
PLCC
24 PIN
DIP/SOIC
SYMBOL
DESCRIPTION
RING
RELAY
LOOP
CURRENT
LIMITER
BATTERY
FEED
+
DIFF
AMP
+
OP
AMP
LOOP
MONITORING
RING
CONTROL
2-WIRE
LOOP
SECONDARY
PROTECTION
+1
-1
LINE
DRIVERS
TIP
RING
VB-
VB-
PD
POWER DENIAL
150
RING
150
RF
BG
150
TF
TIP
RD
RC
RS
RING
VOLTAGE
RING SYNC
RING COMMAND
RING
TRIP
SHD
GKD
TX
TRANSMIT
OUTPUT
OUT
+IN
-IN
RX
RECEIVE
INPUT
SLIC MICROCIRCUIT
150
SWITCH HOOK
DETECTION
GROUND KEY
DETECTION
HC-5502B1


Similar Part No. - HC4P5502B1-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC4P5502B-5 INTERSIL-HC4P5502B-5 Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC4P5502B-5 INTERSIL-HC4P5502B-5 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
logo
Renesas Technology Corp
HC4P5502B-5 RENESAS-HC4P5502B-5 Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
More results

Similar Description - HC4P5502B1-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509A1 INTERSIL-HC-5509A1 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
   SLIC Subscriber Line Interface Circuit
June 1997
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
   Subscriber Line Interface Circuit (SLIC)
logo
List of Unclassifed Man...
HM9903C ETC1-HM9903C Datasheet
267Kb / 1P
   HM9903C SLIC(Subscriber Line Interface Circuit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com