Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC-5504B1 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC-5504B1
Description  ITU Low Cost, PABX SLIC With 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC-5504B1 Datasheet(HTML) 9 Page - Intersil Corporation

  HC-5504B1 Datasheet HTML 1Page - Intersil Corporation HC-5504B1 Datasheet HTML 2Page - Intersil Corporation HC-5504B1 Datasheet HTML 3Page - Intersil Corporation HC-5504B1 Datasheet HTML 4Page - Intersil Corporation HC-5504B1 Datasheet HTML 5Page - Intersil Corporation HC-5504B1 Datasheet HTML 6Page - Intersil Corporation HC-5504B1 Datasheet HTML 7Page - Intersil Corporation HC-5504B1 Datasheet HTML 8Page - Intersil Corporation HC-5504B1 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
60
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Applications Diagram
FIGURE 1.
TYPICAL LINE CIRCUIT APPLICATION WITH THE MONOLITHIC SLIC
Typical Component Values
C2 = 0.15µF, 10V
C3 = 0.3µF, 30V
C4 = 0.5µF to 1.0µF, 10%, 20V (Should be nonpolarized)
C5 = 0.5µF, 20V
C6 = C7 = 0.5µF (10% Match Required) (Note 6)
C8 = 0.01µF, 100V
C9 = 0.01µF, 20V, ±20%
R1 =R2 =R3 = 100kΩ (0.1% Match Required, 1% absolute
value) ZB = 0 for 600Ω Terminations (Note 6).
RB1 =RB2 =RB3 =RB4 = 150Ω (0.1% Match Required, 1%
absolute value).
RS1 = RS2 = 1kΩ, typically.
CS1 =CS2 = 0.1µF, 200V typically, depending on VRING and
line length.
Z1 = 150V to 200V transient protection.
PTC used as ring generator ballast.
NOTES:
5. Secondary protection diode bridge recommended is a 2A, 200V type.
6. To obtain the specified transhybrid loss it is necessary for the three legs of the balance network, C6-R1 and R2 and C7-ZB-R3, to match in im-
pedance to within 0.3%. Thus, if C6 and C7 are 1µF each, a 20% match is adequate. It should be noted that the transmit output to C6 sees a -
22V step when the loop is closed. Too large a value for C6 may produce an excessively long transient at the op amp output to the PCM Fil-
ter/CODEC.
A 0.5
µF and 100kΩ gives a time constant of 50ms. The uncommitted op amp output is internally clamped to stay within ±5.5V and also has
current limiting protection.
7. All grounds (AG, BG, and DG) must be applied before VB+orVB-. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
8. Application shows Ring Injected Ringing, Balanced or Tip injected configuration may be used.
RB4
K1B
K1A
RING
RING FEED
RING FEED SENSE
TIP
VB -
SLIC
HC-5504B1
RS1
RB2
RB1
PTC
Z1
-48V
150VPEAK (MAX)
RING GENERATOR
RING
RB3
RS2
CS2
SUBSCRIBER
LOOP
-48V
SYSTEM CONTROLLER
K1
8
1
9
10
3
2
TIP FEED
TIP
RD
OP AMP
RX
TX
+IN
-IN
OUT
C2
C3
C4
NEG.
BATT.
BATT.
GND.
DIG.
GND.
ANA.
GND.
VB+
POWER
DENIAL
SWITCH
HOOK
DETECT
GROUND
KEY
DETECT
RING
SYNC
RING
CMD
15
13
14
7
16
11
12
6
23
C9
4
VB +
C8
C4 C3 C2
+
+
21
24
20
19
18
17
5
22
C6
R1
R2
C7
C5
R3
BALANCE NETWORK
PCM
FILTER/
CODEC
SWITCHING
NETWORK
ZB
5V TO
12V
PRIMARY
PROTEC-
TION
CS1
(NOTE 5)
PIN NUMBERS GIVEN FOR DIP/SOIC PACKAGE.
HC-5504B1


Similar Part No. - HC-5504B1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
More results

Similar Description - HC-5504B1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com