Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HC-5504B1 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HC-5504B1
Description  ITU Low Cost, PABX SLIC With 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 5 page
background image
56
Pin Descriptions
28 PIN
PLCC
SYMBOL
DESCRIPTION
2
TIP
An analog input connected to the TIP (more positive) side of the subscriber loop through a 150
Ω feed resistor and a ring
relay contact. Functions with the Ring terminal to receive voice signals from the telephone and for loop monitoring pur-
poses.
3
RING
An analog input connected to the RING (more negative) side of the subscriber loop through a 150
Ω feed resistor and a
ring relay contact. Functions with the Tip terminal to receive voice signals from the telephone and for loop monitoring pur-
poses.
4
RFS
Senses ring side of loop for ground key and ring trip detection. During ringing, the ring signal is inserted into the line at
this node and RF is isolated from RFS via a relay.
5VB+
Positive Voltage Source - Most positive supply. VB+ is typically 12V or 5V.
6C3
Capacitor #3 - An external capacitor to be connected between this terminal and analog ground. Required for proper op-
eration of the loop current limiting function, and for filtering VB-. Typical value is 0.3µF, 30V.
7
DG
Digital Ground - To be connected to zero potential and serves as a reference for all digital inputs and outputs on the SLIC
microcircuit.
9
RS
Ring Synchronization Input - A TTL - compatible clock input. The clock should be arranged such that a positive pulse
transition occurs on the zero crossing of the ring voltage source, as it appears at the RFS terminal. For Tip side injected
systems, the RS pulse should occur on the negative going zero crossing and for Ring injected systems, on the positive
going zero crossing. This ensures that the ring relay activates and deactivates when the instantaneous ring voltage is
near zero. If synchronization is not required, the pin should be tied to 5V.
10
RD
Relay Driver - A low active open collector logic output. When enabled, the external ring relay is energized.
11
TF
Tip Feed-Alow impedance analog output connected to the TIP terminal through a 150
Ω feed resistor. Functions with
the RF terminal to provide loop current, feed voice signals to the telephone set, and sink longitudinal current.
12
RF
Ring Feed-Alow impedance analog output connected to the RING terminal through a 150
Ω feed resistor. Functions with
the TF terminal to provide loop current, feed voice signals to the telephone set, and sink longitudinal current.
13
VB-
Negative Voltage Source - Most negative supply. VB- is typically -48V with an operational range of -42V to -58V. Frequent-
ly referred to as “battery”.
14
BG
Battery Ground - To be connected to zero potential. All loop current and some quiescent current flows into this ground
terminal.
16
SHD
Switch Hook Detection-Alow active LS TTL-compatible logic output. This output is enabled for loop currents exceeding
10mA and disabled for loop currents less than 5mA.
17
GKD
Ground Key Detection - A low active LS TTL-compatible logic output. This output is enabled if the DC current into the ring
lead exceeds the DC current out of the tip lead by more than 20mA, and disabled if this current difference is less than
10mA.
18
PD
Power Denial - A low active TTL - Compatible logic input. When enabled, the switch hook detect (SHD) and ground key
detect (GKD) are not necessarily valid, and the relay driver (RD) output is disabled.
19
RC
Ring Command - A low active TTL - Compatible logic input. When enabled, the relay driver (RD) output goes low on the
next high level of the ring sync (RS) input, as long as the SLIC is not in the power denial state (PD = 0) or the subscriber
is not already off- hook (SHD = 0).
20
C2
Capacitor #2 - An external capacitor to be connected between this terminal and digital ground. Prevents false ground key
indications from occurring during ring trip detection. Typical value is 0.15
µF, 10V. This capacitor is not used if ground key
function is not required and (Pin 17) may be left open or connected to digital ground.
21
OUT
The analog output of the spare operational amplifier. The output voltage swing is typically
±5V.
23
-IN
The inverting analog input of the spare operational amplifier.
24
+IN
The non-inverting analog input of the spare operational amplifier.
25
RX
Receive Input, Four Wire Side - A high impedance analog input which is internally biased. Capacitive coupling to this input
is required. AC signals appearing at this input differentially drive the Tip feed and Ring feed terminals, which in turn drive
tip and ring through 300
Ω of feed resistance on each side of the line.
HC-5504B1




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HC-5504BEIA/ITU PABX SLIC with 40mA Loop Feed 1 2 3 4 5 MoreIntersil Corporation
HC5504BEIA/ITU PABX SLIC with 40mA Loop Feed 1 2 3 4 5 MoreIntersil Corporation
HC-5524EIA/ITU 24V PABX SLIC with 25mA Loop Feed 1 2 3 4 5 MoreIntersil Corporation
HC-5502BEIA/ITU PABX SLIC with 30mA Loop Feed 1 2 3 4 5 MoreIntersil Corporation
HC5515ITU CO/PABX SLIC with Low Power Standby 1 2 3 4 5 MoreIntersil Corporation
HC5526ITU CO/PABX SLIC with Low Power Standby 1 2 3 4 5 MoreIntersil Corporation
HC5523LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby 1 2 3 4 5 MoreIntersil Corporation
HC5503Low Cost 24V SLIC For PABX / Key Systems 1 2 3 4 5 MoreIntersil Corporation
PSA0951ALOW COST - HIGH ERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl