Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HC-5504B1 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HC-5504B1
Description  ITU Low Cost, PABX SLIC With 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 4 page
background image
55
Power Supply Rejection Ratio
(Note 4)
VB+ to 2-Wire
30 - 60Hz, RL = 600Ω
15
-
-
dB
VB+ to Transmit
15
-
-
dB
VB- to 2-Wire
15
-
-
dB
VB- to Transmit
15
-
-
dB
VB+ to 2-Wire
200 - 16kHz, RL = 600Ω
30
-
-
dB
VB+ to Transmit
30
-
-
dB
VB- to 2-Wire
30
-
-
dB
VB- to Transmit
30
-
-
dB
Logic Input Current (RS, RC, PD)
0V
≤ VIN ≤ 5V
-
-
±100
µA
Logic Inputs
Logic ‘0’ VIL
-
-
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
Logic Outputs
Logic ‘0’ VOL
ILOAD 800µA, VB+ = 12V, 5V
-
0.1
0.5
V
Logic ‘1’ VOH
ILOAD 80µA, VB+ = 12V
2.7
5.0
5.5
V
ILOAD 40µA, VB+ = 5V
2.7
-
5.0
V
Uncommitted Op Amp Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
-
±5-
mV
Input Offset Current
-
±10
-
nA
Input Bias Current
-20-
nA
Differential Input Resistance
(Note 4)
-
1
-
M
Output Voltage Swing
RL = 10K, VB+ = 12V
-
±6.2
±6.6
VPEAK
RL = 10K, VB+ = 5V
-
±3-
VPEAK
Output Resistance
AVCL = 1 (Note 4)
-
10
-
Small Signal GBW
(Note 4)
-
1
-
MHz
NOTES:
3. ILONG = Longitudinal Current
4. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon initial
design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and specification com-
pliance.
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 12V and 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25
oC. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HC-5504B1




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HC-5504BEIA/ITU PABX SLIC with 40mA Loop Feed 1 2 3 4 5 MoreIntersil Corporation
HC5504BEIA/ITU PABX SLIC with 40mA Loop Feed 1 2 3 4 5 MoreIntersil Corporation
HC-5524EIA/ITU 24V PABX SLIC with 25mA Loop Feed 1 2 3 4 5 MoreIntersil Corporation
HC-5502BEIA/ITU PABX SLIC with 30mA Loop Feed 1 2 3 4 5 MoreIntersil Corporation
HC5515ITU CO/PABX SLIC with Low Power Standby 1 2 3 4 5 MoreIntersil Corporation
HC5526ITU CO/PABX SLIC with Low Power Standby 1 2 3 4 5 MoreIntersil Corporation
HC5523LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby 1 2 3 4 5 MoreIntersil Corporation
HC5503Low Cost 24V SLIC For PABX / Key Systems 1 2 3 4 5 MoreIntersil Corporation
PSA0951ALOW COST - HIGH ERFORMANCE PHASE LOCKED LOOP 1 2 Z-Communications, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl