Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC1658G Datasheet(PDF) 8 Page - NEC

Part # UPC1658G
Description  LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1658G Datasheet(HTML) 8 Page - NEC

Back Button UPC1658G Datasheet HTML 4Page - NEC UPC1658G Datasheet HTML 5Page - NEC UPC1658G Datasheet HTML 6Page - NEC UPC1658G Datasheet HTML 7Page - NEC UPC1658G Datasheet HTML 8Page - NEC UPC1658G Datasheet HTML 9Page - NEC UPC1658G Datasheet HTML 10Page - NEC UPC1658G Datasheet HTML 11Page - NEC UPC1658G Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet P11120EJ3V0DS00
8
µµµµPC1658G
NOTES ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as widely as possible to minimize ground impedance (to prevent undesired oscillation).
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
(3) Because the components will operate at high frequencies, apply chip capacitors and chip resistors with low
parasitic inductance.
(4) The DC capacitor must be attached to input pin and output pin.
(5) The bypass capacitor should be attached to VCC line.
(6) In case of improved output level type application circuit, observe precaution not to exceed the power
dissipation rating, especially in VCC = 9 V or over.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions.
For soldering methods and
conditions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Infrared Reflow
Package peak temperature: 235 °C or below
Time: 30 seconds or less (at 210 °C)
Count: 3, Exposure limit: None
Note
IR35-00-3
VPS
Package peak temperature: 215 °C or below
Time: 40 seconds or less (at 200 °C)
Count: 3, Exposure limit: None
Note
VP15-00-3
Wave Soldering
Soldering bath temperature: 260 °C or below
Time: 10 seconds or less
Count: 1, Exposure limit: None
Note
WS60-00-1
Partial Heating
Pin temperature: 300 °C
Time: 3 seconds or less (per side of device)
Exposure limit: None
Note
Note After opening the dry pack, keep it in a place below 25 °C and 65 % RH for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).


Similar Part No. - UPC1658G

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
   WIDE BAND UHF SILICON MMIC AMPLIFIER
UPC1652G NEC-UPC1652G Datasheet
40Kb / 8P
   SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT WIDE BAND AMPLIFIER
logo
Renesas Technology Corp
UPC1652G RENESAS-UPC1652G Datasheet
179Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
logo
NEC
UPC1654 NEC-UPC1654 Datasheet
45Kb / 3P
   1.0 GHz SILICON MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC1655C RENESAS-UPC1655C Datasheet
168Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1983
More results

Similar Description - UPC1658G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
   SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
   SiGe MMIC High Frequency Low Noise Amplifier
HA31006ANP RENESAS-HA31006ANP Datasheet
158Kb / 11P
   SiGe MMIC High Frequency Low Noise Amplifier
logo
NEC
UPC2748T NEC-UPC2748T Datasheet
49Kb / 5P
   3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
UPC2749T NEC-UPC2749T Datasheet
99Kb / 4P
   3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER
logo
Analog Devices
HMC8400 AD-HMC8400 Datasheet
312Kb / 15P
   MMIC Low Noise Amplifier
HMC753 AD-HMC753_17 Datasheet
282Kb / 13P
   MMIC Low Noise Amplifier
HMC903LP3E AD-HMC903LP3E Datasheet
281Kb / 13P
   MMIC, Low Noise Amplifier
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
   High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com