Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW68F Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW68F
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW68F Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW68F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW68F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BCW68F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
BCW68 (KCW68)
Typical Characterisitics
0
1
-
1
-
1
.
0
-
1
10
100
0
0
1
-
0
1
-
1
-
0
50
100
150
200
250
300
-0.1
-1
-10
-100
100
200
300
400
500
600
700
800
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
-0.1
-1
-10
-100
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
-0
-100
-200
-300
-400
-500
-0
-1
-2
-3
-4
-5
-6
-7
-8
-0
-50
-100
-150
-200
-250
-300
-350
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
-20
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-5V
T
a=25
oC
I
C
f
T
——
-800
COMMON EMITTER
V
CE=-1V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
P
c
—— T
a
0.33
-800
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=10
I
C
V
BEsat ——
-800
T
a=25
T
a=100
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
-800uA
-640uA
-720uA
-560uA
-480uA
-400uA
-320uA
-240uA
-160uA
I
B=-80uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic


Similar Part No. - BCW68F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68F ZETEX-BCW68F Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Central Semiconductor C...
BCW68F CENTRAL-BCW68F Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCW68F SIEMENS-BCW68F Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Galaxy Semi-Conductor H...
BCW68F BILIN-BCW68F Datasheet
157Kb / 4P
   PNP General Purpose Amplifier
logo
Infineon Technologies A...
BCW68F INFINEON-BCW68F Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
More results

Similar Description - BCW68F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com