Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW65B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW65B
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW65B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW65B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW65B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
BCW65 (KCW65)
Features
Collector Current Capability IC=800mA
Collector Emitter Voltage VCEO=32V
General Purpose Transistor
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
32
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
800
mA
Collector Power Dissipation
PC
225
mW
Thermal Resistance from Junction to Ambient
RθJA
556
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V


Similar Part No. - BCW65B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCW65B SIEMENS-BCW65B Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW65B INFINEON-BCW65B Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCW65B DIOTEC-BCW65B Datasheet
181Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Galaxy Semi-Conductor H...
BCW65B BILIN-BCW65B Datasheet
216Kb / 4P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
BCW65B CENTRAL-BCW65B Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - BCW65B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com