Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA457 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HA457
Description  95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA457 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HA457 Datasheet HTML 6Page - Intersil Corporation HA457 Datasheet HTML 7Page - Intersil Corporation HA457 Datasheet HTML 8Page - Intersil Corporation HA457 Datasheet HTML 9Page - Intersil Corporation HA457 Datasheet HTML 10Page - Intersil Corporation HA457 Datasheet HTML 11Page - Intersil Corporation HA457 Datasheet HTML 12Page - Intersil Corporation HA457 Datasheet HTML 13Page - Intersil Corporation HA457 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RL = 150Ω, Unless Otherwise Specified
FIGURE 11. SMALL SIGNAL PULSE RESPONSE
FIGURE 12. LARGE SIGNAL PULSE RESPONSE
FIGURE 13. FREQUENCY RESPONSE
FIGURE 14. GAIN FLATNESS
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. GAIN FLATNESS
TIME (20ns/DIV.)
1.75
1.50
1.25
1.0
0.75
0.50
0.25
0
-0.25
TIME (20ns/DIV.)
4.0
3.0
2.0
1.0
0
-1.0
-2.0
-3.0
-4.0
FREQUENCY (MHz)
1
10
100
200
0
3
-3
VOUT = 2VP-P
VOUT = 0.2VP-P
VOUT = 2VP-P
-6
0
45
90
135
180
GAIN
PHASE
VOUT = 0.2VP-P
VOUT = 1VP-P
VOUT = 1VP-P
FREQUENCY (MHz)
1
10
100
200
0
0.5
-0.5
-1.0
1.0
-1.5
-2.0
VOUT = 1VP-P
VOUT = 0.2VP-P
FREQUENCY (MHz)
1
10
100
200
0
3
-3
VOUT = 2VP-P
VOUT = 0.2VP-P
-6
0
45
90
135
180
GAIN
PHASE
RL= 400Ω
VOUT = 0.2VP-P
VOUT = 2VP-P
VOUT = 1VP-P
VOUT = 1VP-P
FREQUENCY (MHz)
1
10
100
200
0
0.5
-0.5
-1.0
1.0
-1.5
-2.0
RL= 400Ω
VOUT = 1VP-P
VOUT = 0.2VP-P
HA457


Similar Part No. - HA457

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CM RENESAS-HA457CM Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CN RENESAS-HA457CN Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
More results

Similar Description - HA457

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
logo
Vishay Siliconix
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. G, 20-Dec-04
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com