Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA457 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA457
Description  95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA457 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA457 Datasheet HTML 3Page - Intersil Corporation HA457 Datasheet HTML 4Page - Intersil Corporation HA457 Datasheet HTML 5Page - Intersil Corporation HA457 Datasheet HTML 6Page - Intersil Corporation HA457 Datasheet HTML 7Page - Intersil Corporation HA457 Datasheet HTML 8Page - Intersil Corporation HA457 Datasheet HTML 9Page - Intersil Corporation HA457 Datasheet HTML 10Page - Intersil Corporation HA457 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Application Information
HA457 Architecture
The HA457 video crosspoint switch consists of 64 switches
in an 8 x 8 grid (Figure 5). Each input is fully buffered and
presents a constant input capacitance whether the input
connects to one output or all eight outputs. This yields
consistent input termination impedances regardless of the
switch configuration. The 8 matrix outputs are followed by 8
gain of 2, wideband, three-stateable buffers optimized for
driving 1k
Ω loads. Double terminated video cables
(RL = 150Ω) may be driven if degraded differential phase is
acceptable (see “Electrical Specification” Table). The output
disable function is useful for multiplexing two or more
HA457s to create a larger input matrix (e.g., two multiplexed
HA457s yield a 16x8 crosspoint).
The HA457 outputs can be disabled individually or
collectively under software control. When disabled, an output
enters a pseudo high-impedance state (ROUT = 2kΩ). In
multichip parallel applications, the disable function prevents
inactive outputs from loading lines driven by other devices.
Disabling an unused output also reduces power
consumption.
The HA457 outputs connect easily to two HFA1412 quad,
unity gain buffers when 75
Ω loads must be driven with
excellent differential phase (see Figures 7 and 21). The
bandwidth improves to 120MHz, while differential gain and
differential phase improve to 0.03% and 0.09 degrees,
respectively.
Power-On RESET
The HA457 has an internal power-on reset (POR) circuit that
disables all outputs at power-up, and presets the switch
matrix so that all outputs connect to IN0. In parallel mode,
the desired switch state may be programmed before the
outputs are enabled. In serial mode, all outputs are
connected to GND each time they are enabled, so switch
state programming must occur after the output is enabled.
Digital Interface
The desired switch state can be loaded using a 7-bit parallel
interface mode or 32-bit serial interface mode (see Tables 1
through 3). All actions associated with the WR line occur on
its rising edge. The same is true for the LATCH line if
EDGE/LEVEL=1. Otherwise, the Slave Register updates
asynchronously (while LATCH=0, if EDGE/LEVEL=0). WR
is logically ANDed with CE and CE to allow active high or
active low chip enable.
7-Bit Parallel Mode
In the parallel programming mode (SER/PAR = 0), the 7
control bits (A2:0 and D3:0) typically specify an output
channel (A2:0) and the corresponding action to be taken
(D3:0). Command codes are available to enable or disable
all outputs, or individual outputs, as shown in Table 1. Each
output has 4-bit Master and Slave Registers associated with
it, that hold the output’s currently selected input address
(defined by D3:0). The input address - if applicable - is
loaded into the Master Register on the rising edge of WR. If
the HA457 is in level mode, and if LATCH=0 (asynchronous
switching), then the input address flows through the
transparent Slave Register, and the output immediately
switches to the new input. For synchronous switching on the
rising edge of LATCH, strap the HA457 for edge mode,
program all the desired switch connections, and then drive
an inverted pulse on the LATCH input. Note: Operations
defined by commands 1011 - 1111 occur asynchronously on
the WR rising edge, without regard for the state of LATCH or
EDGE/LEVEL.
75
75
WR
LATCH
A2
A1
A0
D3
D2
D1/SER OUT
D0/SER IN
HA457
SWITCH
MATRIX
OUTPUT
SELECT
INPUT
SELECT AND
FIGURE 5. TYPICAL CABLE DRIVING APPLICATION
8 X 8
INPUT
BUFFERS
VIDEO
INPUTS
VIDEO
OUT
COMMAND
CODES OR
SERIAL I/O
AV = 2
HA457


Similar Part No. - HA457

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CM RENESAS-HA457CM Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CN RENESAS-HA457CN Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
More results

Similar Description - HA457

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
logo
Vishay Siliconix
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. G, 20-Dec-04
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com