Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA457 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA457
Description  95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA457 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HA457 Datasheet HTML 2Page - Intersil Corporation HA457 Datasheet HTML 3Page - Intersil Corporation HA457 Datasheet HTML 4Page - Intersil Corporation HA457 Datasheet HTML 5Page - Intersil Corporation HA457 Datasheet HTML 6Page - Intersil Corporation HA457 Datasheet HTML 7Page - Intersil Corporation HA457 Datasheet HTML 8Page - Intersil Corporation HA457 Datasheet HTML 9Page - Intersil Corporation HA457 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AC Test Circuits
FIGURE 1. -3dB BANDWIDTH (NOTES 7-10)
FIGURE 2. ALL HOSTILE OFF ISOLATION (NOTES 10-12)
FIGURE 3. SINGLE CHANNEL CROSSTALK (NOTES 10, 13-16)
FIGURE 4. ALL HOSTILE CROSSTALK (NOTES 10, 15, 17-19)
NOTES:
7. Program the desired input to output combination (e.g., IN7 to OUT1).
8. Enable the selected output(s).
9. Drive the selected input with VIN, and measure the -3dB frequency at the selected output (VOUT).
10. Load all outputs with the desired RL.
11. Disable all outputs.
12. Drive all inputs with VIN and measure VOUT at any output; Isolation (in dB) = -20log10 (VOUT/VIN).
13. Drive VIN on one input which connects to one output (e.g., IN7 to OUT7).
14. Terminate all other inputs to GND.
15. Enable all outputs.
16. Measure VOUT at any undriven output; Crosstalk (in dB) = 20log10 (VOUT/VIN).
17. Terminate one input to GND, and connect that input to a single output (e.g., IN0 to OUT0).
18. Drive the other seven inputs with VIN, and connect these active inputs to the remaining seven outputs.
19. Measure VOUT at the quiescent output; Crosstalk (in dB) = 20log10 (VOUT/VIN).
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
OUT0
OUT3
OUT4
OUT5
OUT6
OUT7
OUT1
OUT2
VOUT
VIN = 1VP-P, SWEEP FREQUENCY
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
OUT0
OUT3
OUT4
OUT5
OUT6
OUT7
OUT1
OUT2
VIN = 1VP-P, AT 10MHz
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
OUT0
OUT3
OUT4
OUT5
OUT6
OUT7
OUT1
OUT2
VIN = 1VP-P, AT 10MHz
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
7 X 75
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
OUT0
OUT3
OUT4
OUT5
OUT6
OUT7
OUT1
OUT2
VIN = 1VP-P, AT 10MHz
VOUT
75
HA457


Similar Part No. - HA457

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CM RENESAS-HA457CM Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CN RENESAS-HA457CN Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
More results

Similar Description - HA457

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
logo
Vishay Siliconix
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. G, 20-Dec-04
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com