Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9733-6 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9733-6
Description  8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9733-6 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9733-6 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
1.0 ± 0.5
1.5 ± 0.5
2.0 ± 1
2.5 ± 1
3.0 ± 1
4.0 ± 1.5
5.0
6.0
7.0
8.0
9.0
10.0
12.0
*4 ± 0.5
*6 ± 0.5
*8 ± 1.0
*10
*12
*16
*20
30
35
40
45
50
60
TAP DELAYS
TOTAL DELAYS
Part
Part
±5% or ±2 nS†
±5% or ±2 nS†
Number
Number
Pkg. A
Pkg. B
EP9677-4
EP9733-4
EP9677-6
EP9733-6
EP9677-8
EP9733-8
EP9677-10
EP9733-10
EP9677-12
EP9733-12
EP9677-16
EP9733-16
EP9677-20
EP9733-20
EP9677-30
EP9733-30
EP9677-35
EP9733-35
EP9677-40
EP9733-40
EP9677-45
EP9733-45
EP9677-50
EP9733-50
EP9677-60
EP9733-60
†Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
*Delay times referenced from 1st tap
1st tap is the inherent delay: approx. 7 nS
TAP DELAYS
TOTAL DELAYS
Part
Part
±5% or ±2 nS†
±5% or ±2 nS†
Number
Number
Pkg. A
Pkg. B
15
75
EP9677-75
EP9733-75
20
100
EP9677-100
EP9733-100
25
125
EP9677-125
EP9733-125
30
150
EP9677-150
EP9733-150
35
175
EP9677-175
EP9733-175
40
200
EP9677-200
EP9733-200
50
250
EP9677-250
EP9733-250
60
300
EP9677-300
EP9733-300
70
350
EP9677-350
EP9733-350
80
400
EP9677-400
EP9733-400
90
450
EP9677-450
EP9733-450
100
500
EP9677-500
EP9733-500
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
*These two values are inter-dependent.
Recommended
Operating Conditions
Min
Max
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
I CCH High-Level Supply Current
VCC= max. VIN = OPEN
115
mA
I CCL Low-Level Supply Current
VCC= max. VIN = 0
115
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min Max Unit
Package Dimensions
Schematic
DSD9677
Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
31
.020
Typ.
.820 Max.
.100 Typ.
.150 Min.
.015
Min.
.300 Max.
.010
Typ.
.190
Max
PCA
EP9677-4
Date Code
.190
Max
.
.010
Typ.
.065
Typ.
C
L
Pkg. A
Pkg. B
3
456
7
2
8
OUTPUT
GROUND
INPUT
1
VCC


Similar Part No. - EP9733-6

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9733-6 PCA-EP9733-6 Datasheet
19Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EP9733-60 PCA-EP9733-60 Datasheet
19Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EP9733-6

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9677 PCA-EP9677 Datasheet
19Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA600-4 PCA-EPA600-4 Datasheet
62Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA600-XX PCA-EPA600-XX_15 Datasheet
62Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA1190-4 PCA-EPA1190-4 Datasheet
18Kb / 1P
   7 Pin SIL 4 Tap TTL Compatible Active Delay Lines
EPA1140-XX PCA-EPA1140-XX Datasheet
22Kb / 1P
   SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines
EP9934 PCA-EP9934_15 Datasheet
47Kb / 3P
   8 Pin SIL Triple TTL Compatible Active Delay Lines
EP9934-5 PCA-EP9934-5 Datasheet
47Kb / 3P
   8 Pin SIL Triple TTL Compatible Active Delay Lines
EP9810 PCA-EP9810_15 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA054 PCA-EPA054_15 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com