Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9458-400W(-LF) Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9458-400W(-LF)
Description  8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9458-400W(-LF) Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9458-400W(-LF) Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
8 Pin Mini DIP and Mini DIL 5 Tap
TTL Compatible Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP9458-XXW & EP9458-XXW-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS9458-XXW & -LF
Rev. B
12/5/06 RR
Schematic
Package
Add “-LF” after part number for Lead-Free
Tap Delays
(†±5% or ± 2nS)
5, 10, 15, 20
6, 12, 18, 24
7, 14, 21, 28
8, 16, 24, 32
9, 18, 27, 36
10, 20, 30, 40
12, 24, 36, 48
15, 30, 45, 60
20, 40, 60, 80
25, 50, 75, 100
Total Delay
(†±5% or ± 2nS)
25
30
35
40
45
50
60
75
100
125
PCA
Part Number
EP9458-150W(-LF)
EP9458-175W(-LF)
EP9458-200W(-LF)
EP9458-225W(-LF)
EP9458-250W(-LF)
EP9458-300W(-LF)
EP9458-350W(-LF)
EP9458-400W(-LF)
EP9458-450W(-LF)
EP9458-500W(-LF)
Tap Delays
(†±5% or ± 2nS)
30, 60, 90, 120
35, 70, 105, 140
40, 80, 120, 160
45, 90, 135, 180
50, 100, 150, 200
60, 120, 180, 240
70, 140, 210, 280
80, 160, 240, 320
90, 180, 270, 360
100, 200, 300, 400
Total Delay
(†±5% or ± 2nS)
150
175
200
225
250
300
350
400
450
500
PCA
Part Number
EP9458-25W(-LF)
EP9458-30W(-LF)
EP9458-35W(-LF)
EP9458-40W(-LF)
EP9458-45W(-LF)
EP9458-50W(-LF)
EP9458-60W(-LF)
EP9458-75W(-LF)
EP9458-100W(-LF)
EP9458-125W(-LF)
†Whichever is greater. Delay times referenced from input to leading and trailing edges at 25°C, 5.0V, with no load.
Recommended Operating Conditions
VCC Supply Voltage
VIH
High-Level Input Voltage
VIL
Low-Level Input Voltage
IIK
Input Clamp Current
IOH
High-Level Output Current
IOL
Low-Level Output Current
PW*
Pulse Width of Total Delay
d*
Duty Cycle
TA
Operating Free-Air Temperature
Min.
4.75
2.0
40
0
Max.
5.25
0.8
-18
-1.0
20
40
+70
Unit
V
V
V
mA
mA
mA
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
DC Electrical Characteristics
Parameter
Test Conditions
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
VIK
Input Clamp Voltage
VCC = min. II = II K
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
VCC = max. VIN = 5.25V
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
Min.
2.7
-40
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
ICCL Low-Level Supply Current
VCC = max. VIN = 0
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
Max.
0.5
-1.2
50
1.0
-2
-100
75
75
4
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL Load
Unit
V
V
V
µA
mA
mA
mA
nS
mA
mA
7
2
6
3
5
1
4
OUTPUT
GROUND
INPUT
8
VCC
Notes :
2. Peak Solder Rating
(Wave Solder Process)
4. Weight
1. Lead Finish
5. Packaging Information
(Tube)
EP9458-XXW-LF
260°C
10 (+2/-0) seconds
TBD grams
Hot Tin Dip (Sn)
TBD pieces/tube
EP9458W-XX
260°C
10 (+2/-0) seconds
TBD grams
SnPb
TBD pieces/tube
White Dot
Pin 1
.100
(2.54)
PCA
Date Code
EP9458-25W(-LF)
.400
(10.16)
.500
(12.70)
.150 Typ.
(3.81)
.018 x.010
(.457 x .254)
.300
(7.62)
.250
(6.35)


Similar Part No. - EP9458-400W(-LF)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9458-400W PCA-EP9458-400W Datasheet
19Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-400W PCA-EP9458-400W Datasheet
24Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-400W-LF PCA-EP9458-400W-LF Datasheet
19Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EP9458-400W(-LF)

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9458-XX PCA-EP9458-XX_15 Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-25 PCA-EP9458-25 Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458-25W PCA-EP9458-25W Datasheet
19Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9458 PCA-EP9458_15 Datasheet
24Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9810-25 PCA-EP9810-25 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EP9810 PCA-EP9810_15 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EPA054 PCA-EPA054_15 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA054-25 PCA-EPA054-25 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA770 PCA-EPA770_15 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA770-4 PCA-EPA770-4 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com