Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP9445-600 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9445-600
Description  16 Pin DIL 5 Tap 10K ECL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9445-600 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9445-600 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16 Pin DIL 5 Tap 10K ECL Compatible Active Delay Lines
TAP 1
TAP 2
TAP 3
TAP 4
OUTPUT
RISE TIME
PART
nS ±5%
nS ±5%
nS ±5%
nS ±5%
nS ±5%
nS MAX
NUMBER
3.0 Typ†
4 ± 0.3
5 ± 0.3
6 ± 0.3
7 ± 0.3
4
EP9445-7
3.0 Typ†
5 ± 0.5
7 ± 0.5
9 ± 0.5
11 ± 0.5
4
EP9445-11
3.0 Typ
6 ± 0.5
9 ± 0.5
12 ± 1.0
15 ± 1.5
4
EP9445-15
4 ± 1.0
8 ± 0.5
12 ± 1.0
16 ± 1.5
20 ± 2.0
4
EP9445-20
5 ± 1.0
10 ± 1.0
15 ± 1.5
20 ± 2.0
25 ± 2.0
4
EP9445-25
6 ± 1.0
12 ± 1.0
18 ± 1.5
24 ± 2.0
30 ± 2.0
4
EP9445-30
8 ± 1.0
16 ± 1.5
24 ± 2.0
32 ± 2.0
40
5
EP9445-40
10 ± 1.0
20 ± 2.0
30 ± 2.0
40
50
5
EP9445-50
15 ± 1.5
30 ± 2.0
45
60
75
8
EP9445-75
20 ± 2.0
40
60
80
100
10
EP9445-100
30 ± 2.0
60
90
120
150
15
EP9445-150
40
80
120
160
200
20
EP9445-200
50
100
150
200
250
25
EP9445-250
60
120
180
240
300
30
EP9445-300
70
140
210
280
350
35
EP9445-350
80
160
240
320
400
40
EP9445-400
90
180
270
360
450
45
EP9445-450
100
200
300
400
500
50
EP9445-500
120
240
360
480
600
50
EP9445-600
140
280
420
560
700
50
EP9445-700
160
320
480
640
800
50
EP9445-800
180
360
520
720
900
50
EP9445-900
200
400
600
800
1000
50
EP9445-1000
Delay time measured at - 1.3V, no load
Delay times referenced from input to leading edges
†Inherent delay
Rise time output measured from 20% to 80%
Output terminated (externally) with 50
Ω to - 2.0Vdc
Schematic
VOH
High-Level Output Voltage
VIL= Min
-960
mV
VOHT High-Level Output Threshold
Voltage
-980
mV
VOLT
Low-Level Output Threshold
Voltage
-1630
mV
VOH
Low-Level Output Voltage
VIH = Max
-1650
mV
IIH
High-Level Input Current
VIH = Max
265
µA
IIL
Low-Level Input Current
VIL = Min
0.5
µA
IEE
VEE Supply Current
50
mA
DC Electrical Characteristics
Parameter
*Test Conditions
Min
Max Unit
* (VCC1 = VCC2 = GRD, VEE = -5.2V ± 0.01V, Output Loading with 50Ω to -2.0V ± 0.01V)
VEE
Supply Voltage (Negative)
4.94
5.46
V
VCC
Circuit Ground (Pins 1 and 16)
0
0
V
VIH
HIgh-Level Input Voltage
-980
mV
VIHT
High-Level Input Threshold Voltage
-1105
mV
VILT
Low-Level Input Threshold Voltage
-1475
mV
VIL
Low-Level Input Voltage
-1630
mV
PW*
Pulse Width of Total Delay
300
%
d*
Duty Cycle
20
%
TA
Operating Free-Air Temperature
-30
+80
°C
*These two values are inter-dependent.
Recommended
Operating Conditions
Min
Max
Unit
Package Dimensions
VIN
Pulse Input Voltage
-1.0V (-0.75 to -1.75V)
PW
Pulse Width of Total Delay
3x Total Delay
TRI
Pulse Rise Time (20% to 80%)
2 nS
PRR
Pulse Spacing
10x Total Td
VEE
Supply Voltage
-5.2V
Input Pulse Test Conditions @ 25° C
DSD9445 8/25/94
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
.300
.800 Max.
.400
Max.
PCA
EP9445-7
Date Code
.130 Typ.
.020
.040
.275
Max.
.010 x .018
White Dot
Pin#1
.100
14
4
13
5
15
3
1, 16
8
VEE


Similar Part No. - EP9445-600

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9445-600 PCA-EP9445-600 Datasheet
23Kb / 1P
   16 Pin DIL 5 Tap 10K ECL Compatible Active Delay Lines
More results

Similar Description - EP9445-600

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9445-7 PCA-EP9445-7 Datasheet
23Kb / 1P
   16 Pin DIL 5 Tap 10K ECL Compatible Active Delay Lines
EP9810-25 PCA-EP9810-25 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EP9810 PCA-EP9810_15 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
EPA054 PCA-EPA054_15 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA054-25 PCA-EPA054-25 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EP9810M-25 PCA-EP9810M-25 Datasheet
41Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible MIL 883 Active Delay Lines
EPA220-32 PCA-EPA220-32 Datasheet
19Kb / 1P
   14 Pin DIL 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9458-XX PCA-EP9458-XX_15 Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
EP9590-25 PCA-EP9590-25 Datasheet
41Kb / 1P
   14 Pin DIL 5 Tap Low Profile TTL Compatible MIL 883 Active Delay Lines
EP9458-25 PCA-EP9458-25 Datasheet
20Kb / 1P
   8 Pin Mini DIP and Mini DIL 5 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com