Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IH5010CPD Datasheet(PDF) 1 Page - Intersil Corporation

Part # IH5010CPD
Description  Virtual Ground Analog Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH5010CPD Datasheet(HTML) 1 Page - Intersil Corporation

  IH5010CPD Datasheet HTML 1Page - Intersil Corporation IH5010CPD Datasheet HTML 2Page - Intersil Corporation IH5010CPD Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-1
Features
• Switches Analog Signals Up to 20 Volts Peak-to-Peak
• Each Channel Complete - Interfaces with Most
Integrated Logic
• Switching Speeds Less Than 0.5
µs
•ID(OFF) Less Than 500pA Typical at 70
oC
• Effective rDS(ON) - 5Ω to 50Ω
• Commercial and Military Temperature Range
Operation
Description
The IH5009 series of analog switches were designed to fill
the need for an easy-to-use, inexpensive switch for both
industrial and military applications. Although low cost is a
primary design objective, performance and versatility have
not been sacrificed.
Each package contains up to four channels of analog gating
and is designed to eliminate the need for an external driver.
The odd numbered devices are designed to be driven
directly from TTL open collector logic (15 volts) while the
even numbered devices are driven directly from low level
TTL logic (5 volts). Each channel simulates a SPDT switch.
SPST switch action is obtained by leaving the diode cathode
unconnected; for SPDT action, the cathode should be
grounded (0V). The parts are intended for high performance
multiplexing and commutating usage. A logic “0” turns the
channel ON and a logic “1” turns the channel OFF.
Part Number Information
PART
NUMBER
CHANNELS
LOGIC
LEVEL
PACKAGE
PKG
NO.
IH5009
4
+15
DD, PD
IH5010
4
+5
DD, PD
IH5011
4
+15
DE, PE
IH5012
4
+5
DE, PE
IH5014
3
+5
DD, PD
IH5016
3
+5
DE, PE
IH5017
2
+15
PA
IH5018
2
+5
DD, PA
IH5019
2
+15
DE, PA
IH5020
2
+5
DE, PA
IH5022
1
+5
DD, PA
IH5024
1
+5
PA
NOTE: Mil-Temperature range (-55oC to 125oC) available in ceramic
packages only.
IH50XX
M
DE
PACKAGE
PA - 8 LEAD PDIP
PD - 14 LEAD PDIP
PE - 16 LEAD PDIP
DD - 14 LEAD CERDIP
DE - 16 LEAD CERDIP
TEMPERATURE RANGE
M = MILITARY (-55oC to 125oC)
C = COMMERCIAL (0oC to 70oC)
BASIC PART NUMBER
May 1999
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
IH5009-5012, 5014,
5016-5020, 5022, 5024
Virtual Ground Analog Switch
File Number
3129.1
OBSOLETE
PRODUCT
NO RECOMMENDED
REPLA
CEMENT
Call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com


Similar Part No. - IH5010CPD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5010 INTERSIL-IH5010 Datasheet
4Mb / 122P
   P-CHANNEL JFET
IH5010 INTERSIL-IH5010 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
More results

Similar Description - IH5010CPD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2425CLP TI-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2425 TI-TLE2425 Datasheet
230Kb / 16P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2425CLP TI1-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP_16 Datasheet
763Kb / 15P
[Old version datasheet]   RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP Datasheet
546Kb / 15P
[Old version datasheet]   RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-Q1 TI1-TLE2426-Q1 Datasheet
235Kb / 15P
[Old version datasheet]   THE "RAIL SPLITTER" PRECISION VIRTUAL GROUND
TLE2426 TI-TLE2426 Datasheet
344Kb / 22P
[Old version datasheet]   THE RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426IDRG4 TI1-TLE2426IDRG4 Datasheet
1Mb / 30P
[Old version datasheet]   THE RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
List of Unclassifed Man...
FV-1REVERBIC ETC2-FV-1REVERBIC Datasheet
185Kb / 8P
   Featuring Spin Semiconductor Virtual Analog Technology
logo
Integrated Device Techn...
89HPES10T4G2 IDT-89HPES10T4G2 Datasheet
281Kb / 30P
   One virtual channel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com