Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1-2556883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA1-2556883
Description  Wideband Four Quadrant Analog Multiplier (Voltage Output)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-2556883 Datasheet(HTML) 4 Page - Intersil Corporation

  HA1-2556883 Datasheet HTML 1Page - Intersil Corporation HA1-2556883 Datasheet HTML 2Page - Intersil Corporation HA1-2556883 Datasheet HTML 3Page - Intersil Corporation HA1-2556883 Datasheet HTML 4Page - Intersil Corporation HA1-2556883 Datasheet HTML 5Page - Intersil Corporation HA1-2556883 Datasheet HTML 6Page - Intersil Corporation HA1-2556883 Datasheet HTML 7Page - Intersil Corporation HA1-2556883 Datasheet HTML 8Page - Intersil Corporation HA1-2556883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
8-10
Specifications HA2556/883
Overshoot
+OS, -OS
VY = 200mV step,
VX = 5V
1
+25oC
-
35
%
1
+125oC, -55oC
-
50
%
Slew Rate
+SR, -SR
VY = 10V step,
VX = 5V
1
+25oC
410
-
V/
µs
1
+125oC, -55oC
360
-
V/
µs
Differential Input
Resistance
RIN (VY)VY = ±5V, VX = 0V
1
+25oC
650
-
k
VX CHARACTERISTICS
Bandwidth
BW (VX)
-3dB, VY = 5V,
VX ≤ 200mVP-P
1
+25oC
30
-
MHz
Gain Flatness
GF (VX)
0.1dB, VY = 5V,
VX ≤ 200mVP-P
1
+25oC
2.0
-
MHz
AC Feedthrough
VISO
fO = 5MHz,
VX = 200mVP-P
VY = Nulled
1, 3
+25oC-
-45
dB
Rise & Fall Time
TR, TF
VX = 200mV step,
VY = 5V,
10% to 90% pts
1
+25oC
-
9.5
ns
1
+125oC, -55oC
-
10
ns
Overshoot
+OS, -OS
VX = 200mV step,
VY = 5V
1
+25oC
-
35
%
1
+125oC, -55oC
-
50
%
Slew Rate
+SR, -SR
VX = 10V step,
VY = 5V
1
+25oC
410
-
V/
µs
1
+125oC, -55oC
360
-
V/
µs
Differential Input
Resistance
RIN (VX)VX = ±5V, VY = 0V
1
+25oC
650
-
k
OUTPUT CHARACTERISTICS
Output Resistance
ROUT
VY = ±5V, VX = 5V
RL = 1kΩ to 250Ω
1
+25oC-
1
NOTES:
1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These param-
eters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization
based upon data from multiple production runs which reflect lot to lot and within lot variation.
2. VZ AC characteristics may be implied from VY due to the use of VZ as feedback in the test circuit.
3. Offset voltage applied to minimize feedthrough signal.
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLE 1)
Interim Electrical Parameters (Pre Burn-In)
-
Final Electrical Test Parameters
1 (Note 1), 2, 3
Group A Test Requirements
1, 2, 3
Groups C and D Endpoints
1
NOTE:
1. PDA applies to Subgroup 1 only. No other subgroups are included in PDA.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
Device Tested: at VSUPPLY = ±15V, RF = 50Ω, RL = 1kΩ, CL = 20pF, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
511063-883


Similar Part No. - HA1-2556883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA1-2556-9 INTERSIL-HA1-2556-9 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results

Similar Description - HA1-2556883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com