Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5222883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5222883
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5222883 Datasheet HTML 1Page - Intersil Corporation HA-5222883 Datasheet HTML 2Page - Intersil Corporation HA-5222883 Datasheet HTML 3Page - Intersil Corporation HA-5222883 Datasheet HTML 4Page - Intersil Corporation HA-5222883 Datasheet HTML 5Page - Intersil Corporation HA-5222883 Datasheet HTML 6Page - Intersil Corporation HA-5222883 Datasheet HTML 7Page - Intersil Corporation HA-5222883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-169
HA-5222/883
Dual, Low Noise, Wideband,
Precision Operational Amplifier
Description
The HA-5222/883 is a dual, high performance, dielectrically
isolated, monolithic op amp, featuring precision DC charac-
teristics
while
providing
excellent
AC
characteristics.
Designed for audio, video, and other demanding applica-
tions, noise (3.3nV/
√Hz at 1kHz typ), total harmonic distor-
tion (<0.005% typ), and DC errors are kept to a minimum.
The precision performance is shown by low offset voltage
(0.3mV typ), low bias currents (40nA typ), low offset cur-
rents (15nA typ), and high open loop gain (128dB typ). The
combination of these excellent DC characteristics with fast
settling time (0.4
µs typ) make the HA-5222/883 ideally
suited for precision signal conditioning.
The unique design of the HA-5222/883 gives this device out-
standing AC characteristics, including high unity gain band-
width (40MHz typ) and high slew rate (37V/
µs typ), not
normally associated with precision op amps. Other key spec-
ifications include high CMRR (95dB typ) and high PSRR
(100dB typ). The combination of these specifications will
allow the HA-5222/883 to be used in RF signal conditioning
as well as video amplifiers.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HA7-5222/883
-55oC to +125oC
8 Lead CerDIP
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Gain Bandwidth Product . . . . . . . . . . . . . 100MHz (Min)
• Unity Gain Bandwidth . . . . . . . . . . . . . . . . 30MHz (Min)
40MHz (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 25V/
µs (Min)
37V/
µs (Typ)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . 0.75mV (Max)
0.30mV (Typ)
• High Open Loop Gain . . . . . . . . . . . . . . . . . 106dB (Min)
128dB (Typ)
• Channel Separation (at 10kHz) . . . . . . . . . . 110dB (Typ)
• Low Voltage Noise (at 1kHz) . . . . . . . . 5.9nV/
√Hz (Max)
3.3nV/
√Hz (Typ)
• Low Current Noise (at 1kHz) . . . . . . . . 2.7pA/
√Hz (Max)
1.3pA/
√Hz (Typ)
• High Output Current . . . . . . . . . . . . . . . . .
±30mA (Min)
±56mA (Typ)
• Low Supply Current (per Op Amp.) . . . . . . 10mA (Max)
8mA (Typ)
Applications
• Precision Test Systems
• Active Filtering
• Small Signal Video
• Accurate Signal Processing
• RF Signal Conditioning
January 1996
Spec Number
511062-883
File Number
3717.1
Pinout
HA-5222/883
(CERDIP)
TOP VIEW
2
3
4
1
7
6
5
8
+
+
OUT1
OUT2
1
2
+IN2
-IN2
V-
V+
+IN1
-IN1
-
-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA-5222883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
More results

Similar Description - HA-5222883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com