Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5222 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA-5222
Description  Dual, Low Noise, Wideband, Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5222 Datasheet(HTML) 7 Page - Intersil Corporation

  HA-5222 Datasheet HTML 1Page - Intersil Corporation HA-5222 Datasheet HTML 2Page - Intersil Corporation HA-5222 Datasheet HTML 3Page - Intersil Corporation HA-5222 Datasheet HTML 4Page - Intersil Corporation HA-5222 Datasheet HTML 5Page - Intersil Corporation HA-5222 Datasheet HTML 6Page - Intersil Corporation HA-5222 Datasheet HTML 7Page - Intersil Corporation HA-5222 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Harris Semiconductor and is for use as application
and design information only. No guarantee is implied.
3-175
HA-5222
Common Mode Rejection Ratio
∆V
CM = ±10V
Full
95
dB
Unity Gain Bandwidth
-3dB
+25oC
40
MHz
+125oC
33
MHz
-55oC
50
MHz
Gain Bandwidth Product
1kHz to 400kHz
+25oC
140
MHz
+125oC
115
MHz
-55oC
160
MHz
Minimum Gain Stability
Full
1
V/V
Output Voltage Swing
RL = 333Ω
Full
110
V
RL = 1K
+25oC
112.5
V
Full
112.1
V
Output Current
VOUT = ±10V
Full
156
mA
Output Resistance
+25oC10
V
Full Power Bandwidth
FPBW = SR/2
πV
PEAK,
VPEAK = 10V
+25oC
398
kHz
Channel Separation
fO = 10kHz
+25oC
110
dB
Slew Rate
VOUT = ±2.5V
+25oC37
V/
µs
+125oC39
V/
µs
-55oC36
V/
µs
Rise Time
VOUT = ±100mV
+25oC16
ns
+125oC17
ns
-55oC17
ns
Overshoot
VOUT = ±100mV
+25oC12
%
+125oC11
%
-55oC12
%
Settling Time
10VSTEP, AV = -1
0.1%
+25oC
0.4
µs
0.01%
+25oC
1.5
µs
Power Supply Rejection Ratio
∆V
S = ±10V to ±20V
Full
100
dB
Supply Current
Quiescent, VOUT = 0V,
IOUT = 0mA
Full
8
mA/Op Amp
Minimum Supply Voltage
Functional Operation Only.
Other Parameters May Vary.
+25oC15
V
NOTE:
1. AVCL = 10, fO = 1kHz, VOUT = 5Vrms, RL = 600Ω, 10Hz to 100kHz, Minimum resolution of test equipment is 0.005%.
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Characterized at: Supply Voltage =
±15V, R
L = 1kΩ, CL = 50pF, Unless Otherwise Specified
PARAMETERS
CONDITIONS
TEMPERATURE
TYPICAL
UNITS
Spec Number
511062-883


Similar Part No. - HA-5222

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
More results

Similar Description - HA-5222

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com