Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5221 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-5221
Description  100MHz, Low Noise, Precision Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5221 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-5221 Datasheet HTML 1Page - Intersil Corporation HA-5221 Datasheet HTML 2Page - Intersil Corporation HA-5221 Datasheet HTML 3Page - Intersil Corporation HA-5221 Datasheet HTML 4Page - Intersil Corporation HA-5221 Datasheet HTML 5Page - Intersil Corporation HA-5221 Datasheet HTML 6Page - Intersil Corporation HA-5221 Datasheet HTML 7Page - Intersil Corporation HA-5221 Datasheet HTML 8Page - Intersil Corporation HA-5221 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . 35V
Differential Input Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . 5V
Output Current Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range
HA-5221-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . . .
135
50
SOIC Package . . . . . . . . . . . . . . . . . . .
157
N/A
Maximum Junction Temperature (Hermetic Package) . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Input is protected by back-to-back zener diodes. See applications section.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±15V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP. (oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
25
-
0.30
0.75
mV
Full
-
0.35
1.5
mV
Average Offset Voltage Drift
Full
-
0.5
-
µV/oC
Input Bias Current
25
-
40
100
nA
Full
-
70
200
nA
Input Offset Current
25
-
15
100
nA
Full
-
30
150
nA
Input Offset Voltage Match
25
-
400
750
µV
Full
-
-
1500
µV
Common Mode Range
25
±12
-
-
V
Differential Input Resistance
25
-
70
-
k
Input Noise Voltage
f = 0.1Hz to 10Hz
25
-
0.25
-
µVP-P
Input Noise Voltage Density (Notes 3, 11) f = 10Hz
25
-
6.2
10
nV/
√Hz
f = 100Hz
25
-
3.6
6
nV/
√Hz
f = 1000Hz
25
-
3.4
4.0
nV/
√Hz
Input Noise Current Density (Notes 3, 11)
f = 10Hz
25
-
4.7
8.0
pA/
√Hz
f = 100Hz
25
-
1.8
2.8
pA/
√Hz
f = 1000Hz
25
-
0.97
1.8
pA/
√Hz
THD+N
Note 4
25
-
<0.005
-
%
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
Note 5
25
106
128
-
dB
Full
100
120
-
dB
CMRR
VCM = ±10V
Full
86
95
-
dB
Unity Gain Bandwidth
-3dB
25
-
35
-
MHz
HA-5221


Similar Part No. - HA-5221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221/883 INTERSIL-HA-5221/883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results

Similar Description - HA-5221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
HCA10009 INTERSIL-HCA10009 Datasheet
529Kb / 10P
   100MHz, Single and Dual Low Noise, Precision Operational Amplifier
August 1999
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com