Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5221 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-5221
Description  100MHz, Low Noise, Precision Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5221 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-5221 Datasheet HTML 1Page - Intersil Corporation HA-5221 Datasheet HTML 2Page - Intersil Corporation HA-5221 Datasheet HTML 3Page - Intersil Corporation HA-5221 Datasheet HTML 4Page - Intersil Corporation HA-5221 Datasheet HTML 5Page - Intersil Corporation HA-5221 Datasheet HTML 6Page - Intersil Corporation HA-5221 Datasheet HTML 7Page - Intersil Corporation HA-5221 Datasheet HTML 8Page - Intersil Corporation HA-5221 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Saturation Recovery
When an op amp is over driven, output devices can saturate
and sometimes take a long time to recover. By clamping the
input, output saturation can be avoided. If output saturation
can not be avoided, the maximum recovery time when
overdriven into the positive rail is 10.6
µs. When driven into
the negative rail the maximum recovery time is 3.8
µs.
Input Protection
The HA-5221 has built in back-to-back protection diodes
which limit the maximum allowable differential input voltage
to approximately 5V. If the HA-5221 is used in circuits where
the maximum differential voltage may be exceeded, then
current limiting resistors must be used. The input current
should be limited to a maximum of 10mA.
PC Board Layout Guidelines
When designing with the HA-5221, good high frequency
(RF) techniques should be used when building a PC board.
Use of ground plane is recommended. Power supply
decoupling is very important. A 0.01
µF to 0.1µF high quality
ceramic capacitor at each power supply pin with a 2.2
µF to
10
µF tantalum close by will provide excellent decoupling.
Chip capacitors produce the best results due to ease of
placement next to the op amp and basically no lead
inductance. If leaded capacitors are used, the leads should
be kept as short as possible to minimize lead inductance.
+
RLIMIT
RLIMIT
VOUT
2
3
6
∆VIN
Typical Performance Curves VS = ±15V, TA = 25oC
FIGURE 5. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 6. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 7. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 8. VARIOUS CLOSED LOOP GAINS vs FREQUENCY
GAIN
PHASE
FREQUENCY (Hz)
120
100
80
60
40
20
0
1K
10K
100K
1M
100M
0
45
90
135
180
RL = 1K, CL = 50pF
10M
GAIN
PHASE
FREQUENCY (Hz)
10K
100K
1M
100M
0
45
90
135
180
10M
12
9
6
3
0
-3
-6
AV = +1, RL = 1K, CL = 50pF
GAIN
PHASE
FREQUENCY (Hz)
10K
100K
1M
100M
0
45
90
135
180
10M
9
6
3
0
AV = -1, RL = 1K, CL = 50pF
FREQUENCY (Hz)
10K
100K
1M
100M
0
45
90
135
180
10M
80
60
40
20
0
RL = 1K, CL = 50pF
AV = -1000
AV = -100
AV = -10
AV = -1000
AV = -100
AV = -10
HA-5221


Similar Part No. - HA-5221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221/883 INTERSIL-HA-5221/883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results

Similar Description - HA-5221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
HCA10009 INTERSIL-HCA10009 Datasheet
529Kb / 10P
   100MHz, Single and Dual Low Noise, Precision Operational Amplifier
August 1999
HA-5147883 INTERSIL-HA-5147883 Datasheet
390Kb / 9P
   100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com