Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA9P5147-9 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA9P5147-9
Description  120MHz, Ultra-Low Noise Precision Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5147-9 Datasheet(HTML) 4 Page - Intersil Corporation

  HA9P5147-9 Datasheet HTML 1Page - Intersil Corporation HA9P5147-9 Datasheet HTML 2Page - Intersil Corporation HA9P5147-9 Datasheet HTML 3Page - Intersil Corporation HA9P5147-9 Datasheet HTML 4Page - Intersil Corporation HA9P5147-9 Datasheet HTML 5Page - Intersil Corporation HA9P5147-9 Datasheet HTML 6Page - Intersil Corporation HA9P5147-9 Datasheet HTML 7Page - Intersil Corporation HA9P5147-9 Datasheet HTML 8Page - Intersil Corporation HA9P5147-9 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Test Circuits and Waveforms
FIGURE 1. LARGE AND SMALL SIGNAL RESPONSE TEST CIRCUIT
Vertical Scale: Input = 0.5V/Div.
Output = 5V/Div.
Horizontal Scale: 500ns/Div.
LARGE SIGNAL RESPONSE
Vertical Scale: Input = 10mV/Div.
Output = 100mV/Div.
Horizontal Scale: 100ns/Div.
SMALL SIGNAL RESPONSE
FIGURE 2. SETTLING TIME TEST CIRCUIT
+
IN
OUT
50pF
1.8k
200
-
OUT
IN
OUT
IN
NOTES:
9. AV = -10.
10. Feedback and summing resistors should be 0.1%
matched.
11. Clipping diodes are optional. HP5082-2810 recommended.
+
-15V
+15V
50pF
2N4416
5k
+15V
2k
200
2k
TO
OSCILLOSCOPE
500
VOUT
VIN
AUT
-
HA-5147


Similar Part No. - HA9P5147-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA9P5101-9 INTERSIL-HA9P5101-9 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA9P5101-9 INTERSIL-HA9P5101-9 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA9P5101-9 RENESAS-HA9P5101-9 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Intersil Corporation
HA9P5104-9 INTERSIL-HA9P5104-9 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
HA9P5104-9 INTERSIL-HA9P5104-9 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
More results

Similar Description - HA9P5147-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com