Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA2-5160-2 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA2-5160-2
Description  100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-5160-2 Datasheet(HTML) 6 Page - Intersil Corporation

  HA2-5160-2 Datasheet HTML 1Page - Intersil Corporation HA2-5160-2 Datasheet HTML 2Page - Intersil Corporation HA2-5160-2 Datasheet HTML 3Page - Intersil Corporation HA2-5160-2 Datasheet HTML 4Page - Intersil Corporation HA2-5160-2 Datasheet HTML 5Page - Intersil Corporation HA2-5160-2 Datasheet HTML 6Page - Intersil Corporation HA2-5160-2 Datasheet HTML 7Page - Intersil Corporation HA2-5160-2 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Typical Performance Curves
FIGURE 5. INPUT OFFSET VOLTAGE AND BIAS CURRENT vs
TEMPERATURE
FIGURE 6. OPEN LOOP FREQUENCY RESPONSE
FIGURE 7. OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 8. OPEN LOOP FREQUENCY RESPONSE FOR
VARIOUS COMPENSATION CAPACITANCES
FIGURE 9. INPUT NOISE VOLTAGE AND NOISE CURRENT vs
FREQUENCY
FIGURE 10. NORMALIZED AC PARAMETERS vs TEMPERATURE
TEMPERATURE (°C)
040
80
160
-1.50
-1.00
-0.50
+1.50
+2.00
120
-40
-80
+2.50
+0.00
+0.50
+1.00
OFFSET VOLTAGE
-2.00
1k
2k
3k
4k
BIAS CURRENT
FREQUENCY (Hz)
100k
80
10
1M
40
10M
0
90
180
10k
1k
10
45
135
100M
100
70
100
110
-10
0
20
30
50
60
90
PHASE
GAIN
FREQUENCY (Hz)
100k
25
1M
5
15
10M
VSUPPLY = ±20V
10k
1k
10
20
30
35
VSUPPLY = ±15V
VSUPPLY = ±10V
VSUPPLY = ±7V
FREQUENCY (Hz)
100k
10
1M
10M
10k
1k
100M
100
80
40
10
70
100
110
-10
0
20
30
50
60
90
0pF
50pF
100pF
300pF
FREQUENCY (Hz)
100k
10
SOURCE RESISTANCE = 100k
Ω
10k
1k
100
100
20
80
140
160
40
60
120
SOURCE RESISTANCE = 0
Ω
INPUT NOISE CURRENT
0.5
0.1
0.4
0.7
0.8
0.2
0.3
0.6
0
TEMPERATURE (°C)
0
40
80
160
120
-40
-80
0.6
0.7
1.0
1.1
0.9
0.8
0.5
0.4
SLEW RATE
BANDWIDTH
BANDWIDTH
HA-5160


Similar Part No. - HA2-5160-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5160-5 INTERSIL-HA2-5160-5 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA2-5160-5 INTERSIL-HA2-5160-5 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
logo
Renesas Technology Corp
HA2-5160-5 RENESAS-HA2-5160-5 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results

Similar Description - HA2-5160-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com