Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5137883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5137883
Description  60MHz, Ultra Low Noise, Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5137883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5137883 Datasheet HTML 1Page - Intersil Corporation HA-5137883 Datasheet HTML 2Page - Intersil Corporation HA-5137883 Datasheet HTML 3Page - Intersil Corporation HA-5137883 Datasheet HTML 4Page - Intersil Corporation HA-5137883 Datasheet HTML 5Page - Intersil Corporation HA-5137883 Datasheet HTML 6Page - Intersil Corporation HA-5137883 Datasheet HTML 7Page - Intersil Corporation HA-5137883 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
June 1998
HA-5137/883
60MHz, Ultra Low Noise, Precision
Operational Amplifier
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 14V/
µs (Min)
• Wide Gain Bandwidth (AV ≥ 5) . . . . . . . . . 60MHz (Min)
• Low Noise (at 1kHz) . . . . . . . . . . . . . . . 4.5nV/
√Hz (Max)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . .100
µV (Max)
• Low Offset Drift With Temperature. . . . 1.8
µV/oC (Max)
• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . 100dB (Min)
• High Voltage Gain . . . . . . . . . . . . . . . . . . 700kV/V (Min)
Applications
• High Speed Signal Conditioners
• Wide Bandwidth Instrumentation Amplifiers
• Low Level Transducer Amplifiers
• Fast, Low Level Voltage Comparators
• Highest Quality Audio Preamplifiers
• Pulse/RF Amplifiers
Description
The HA-5137/883 monolithic operational amplifier features
an excellent combination of precision DC and wideband high
speed characteristics. Utilizing the Intersil DI technology and
advanced processing techniques, this unique design unites
low noise precision instrumentation performance with high
speed, wideband capability.
This amplifier’s impressive list of features include low VOS,
wide gain-bandwidth, high open loop gain, and high CMRR.
Additionally, this flexible device operates over a wide supply
range while consuming only 120mW of power.
Using the HA-5137/883 allows designers to minimize errors
while maximizing speed and bandwidth in applications
requiring gains greater than five.
This device is ideally suited for low level transducer signal
amplifier circuits. Other applications which can utilize the
HA-5137/883’s qualities include instrumentation amplifiers,
pulse or RF amplifiers, audio preamplifiers, and signal
conditioning circuits.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA2-5137/883
-55 to 125
8 Pin Metal Can
T8.C
HA4-5137/883
-55 to 125
20 Ld CLCC
J20.A
HA7-5137/883
-55 to 125
8 Ld CERDIP
F8.3A
Pinouts
HA-5137/883
(CERDIP)
TOP VIEW
HA-5137/883
(CLCC)
TOP VIEW
HA-5137/883
(METAL CAN)
TOP VIEW
1
2
3
4
8
7
6
5
V+
OUT
BAL
V-
+
BAL
NC
-IN
+IN
-
4
5
6
7
8
910 11 12 13
321
20 19
15
14
18
17
16
NC
NC
NC
V+
OUT
NC
NC
NC
+
-IN
+IN
-
2
4
6
1
3
7
5
8
OUT
V- (CASE)
BAL
V+
+
BAL
-IN
+IN
NC
-
Spec Number
511034-883
File Number
3714.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA-5137883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5137A INTERSIL-HA-5137A Datasheet
534Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Renesas Technology Corp
HA-5137A RENESAS-HA-5137A Datasheet
883Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
More results

Similar Description - HA-5137883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5127883 INTERSIL-HA-5127883_06 Datasheet
193Kb / 6P
   Ultra Low Noise, Precision Operational Amplifier
HA-5127883 INTERSIL-HA-5127883 Datasheet
124Kb / 5P
   Ultra Low Noise, Precision Operational Amplifier
HA-5127 INTERSIL-HA-5127 Datasheet
570Kb / 9P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-5137A RENESAS-HA-5137A Datasheet
883Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Intersil Corporation
HA-5127 INTERSIL-HA-5127_05 Datasheet
653Kb / 9P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
logo
Renesas Technology Corp
HA-5127 RENESAS-HA-5127 Datasheet
1Mb / 12P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
logo
Intersil Corporation
HA-5137A INTERSIL-HA-5137A Datasheet
534Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com